Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7P20L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 7P20L-TN3-R
Description  200V P-CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7P20L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  7P20L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 7P20L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 7P20L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 7P20L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 7P20L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
7P20
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-288.B
200V P-CHANNEL MOSFET
DESCRIPTION
The 7P20 uses advanced proprietary, planar stripe, DMOS
technology to provide excellent RDS(ON), low gate charge and
operation with low gate voltages. This device is suitable for use
as a load switch or in PWM applications. They are also well suited
for high efficiency switching DC/DC converters.
FEATURES
* RDS(ON) ≦ 0.69Ω @VGS = -10 V
* Ultra Low Gate Charge ( typical 19 nC )
* Low Reverse Transfer Capacitance ( CRSS = Typical 25 pF )
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
7P20L-TN3-R
7P20G-TN3-R
TO-252
G
D
S
Tape Reel


Similar Part No. - 7P20L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7P20L-TN3-R UTC-7P20L-TN3-R Datasheet
213Kb / 6P
200V P-CHANNEL MOSFET
More results

Similar Description - 7P20L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA12P20 FAIRCHILD-FQA12P20 Datasheet
628Kb / 8P
200V P-Channel MOSFET
FQAF12P20 FAIRCHILD-FQAF12P20 Datasheet
615Kb / 8P
200V P-Channel MOSFET
FQB3P20 FAIRCHILD-FQB3P20 Datasheet
560Kb / 9P
200V P-Channel MOSFET
FQP3P20 FAIRCHILD-FQP3P20 Datasheet
549Kb / 8P
200V P-Channel MOSFET
FQP5P20 FAIRCHILD-FQP5P20 Datasheet
624Kb / 8P
200V P-Channel MOSFET
FQPF5P20 FAIRCHILD-FQPF5P20 Datasheet
610Kb / 8P
200V P-Channel MOSFET
logo
Guangdong Kexin Industr...
KQB12P20 KEXIN-KQB12P20 Datasheet
63Kb / 2P
200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20 Datasheet
213Kb / 6P
200V P-CHANNEL MOSFET
logo
Kersemi Electronic Co.,...
KSMD5P20 KERSEMI-KSMD5P20 Datasheet
1Mb / 8P
200V P-Channel MOSFET
KSM12P20 KERSEMI-KSM12P20 Datasheet
1Mb / 7P
200V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com