Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N60G-X-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 7N60G-X-TQ2-R
Description  7.4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60G-X-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  7N60G-X-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 7N60G-X-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 7N60G-X-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 7N60G-X-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 7N60G-X-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 7N60G-X-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
7N60
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-076,Ja
7.4 Amps, 600/650 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 7N60 is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged avalanche
characteristics. This power MOSFET is usually used at high speed
switching applications in switching power supplies and adaptors.
FEATURES
* RDS(ON) = 1.0Ω @VGS = 10 V (7N60/7N60-R)
RDS(ON) = 1.2Ω @VGS = 10 V (7N60-F/7N60-M/7N60-Q)
* Ultra Low Gate Charge (Typical 29 nC )
* Low Reverse Transfer Capacitance ( CRSS = typical 16pF )
* Fast Switching Capability
* Avalanche Energy Tested
* Improved dv/dt Capability, High Ruggedness
SYMBOL
TO-220
1
1
TO-220F
1
TO-220F1
TO-262
1
TO-263
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
7N60L-x-TA3-T
7N60G-x-TA3-T
TO-220
G
D
S
Tube
7N60L-x-TF3-T
7N60G-x-TF3-T
TO-220F
G
D
S
Tube
7N60L-x-TF1-T
7N60G-x-TF1-T
TO-220F1
G
D
S
Tube
7N60L-x-T2Q-T
7N60G-x-T2Q-T
TO-262
G
D
S
Tube
7N60L-x-TQ2-R
7N60G-x-TQ2-R
TO-263
G
D
S
Tape Reel
7N60L-x-TQ2-T
7N60G-x-TQ2-T
TO-263
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 7N60G-X-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60G-T2Q-T UTC-7N60G-T2Q-T Datasheet
193Kb / 6P
7.4A, 600V N-CHANNEL POWER MOSFET
7N60G-T2Q-T UTC-7N60G-T2Q-T Datasheet
349Kb / 9P
N-CHANNEL ENHANCEMENT MODE MOSFET
7N60G-T2Q-T UTC-7N60G-T2Q-T Datasheet
341Kb / 8P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
7N60G-T2Q-T UTC-7N60G-T2Q-T Datasheet
205Kb / 6P
N-CHANNEL ENHANCEMENT MODE
7N60G-T2Q-T UTC-7N60G-T2Q-T Datasheet
205Kb / 6P
N-CHANNEL POWER MOSFET
More results

Similar Description - 7N60G-X-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60 UTC-7N60 Datasheet
145Kb / 7P
7.4 Amps, 600 Volts N-CHANNEL MOSFET
7N60L UTC-7N60L Datasheet
182Kb / 7P
7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60Z UTC-7N60Z Datasheet
194Kb / 6P
7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60_09 Datasheet
363Kb / 8P
3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60Z UTC-7N60Z_10 Datasheet
213Kb / 6P
7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
7N65 UTC-7N65_09 Datasheet
180Kb / 6P
7.4 Amps, 650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60_09 Datasheet
217Kb / 8P
7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com