Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N60L-X-TQ2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 10N60L-X-TQ2-R
Description  10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N60L-X-TQ2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  10N60L-X-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 10N60L-X-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 10N60L-X-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 10N60L-X-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 10N60L-X-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 10N60L-X-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 10N60L-X-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 10N60L-X-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
10N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-119.E
TEST CIRCUITS AND WAVEFORMS (Cont.)
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com