Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N60G-X-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 10N60G-X-TQ2-R
Description  10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N60G-X-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  10N60G-X-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 10N60G-X-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 10N60G-X-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 10N60G-X-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 10N60G-X-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 10N60G-X-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 10N60G-X-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 10N60G-X-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
10N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-119.E
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
10N60-A
600
V
Drain-Source Voltage
10N60-B
VDSS
650
V
Gate-Source Voltage
VGSS
± 30
V
Avalanche Current (Note 2)
IAR
10
A
Continuous
ID
10
A
Drain Current
Pulsed (Note 2)
IDM
38
A
Single Pulsed (Note 3)
EAS
700
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
15.6
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220
156
W
TO-220F/TO-220F1
50
W
Power Dissipation
TO-263
PD
178
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 14.2mH, IAS = 10A, VDD = 50V, RG = 25 Ω Starting TJ = 25°C
4. ISD ≤ 9.5A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
62.5
°C/W
TO-220
0.8
°C/W
TO-220F/TO-220F1
2.5
°C/W
Junction to Case
TO-263
θJC
0.7
°C/W
ELECTRICAL CHARACTERISTICS( TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
10N60-A
BVDSS
VGS = 0V, ID = 250μA
600
V
Drain-Source Breakdown Voltage
10N60-B
BVDSS
VGS = 0V, ID = 250μA
650
V
Drain-Source Leakage Current
IDSS
VDS = 600V, VGS = 0V
1
µA
Forward
VGS = 30 V, VDS = 0 V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -30 V, VDS = 0 V
-100
nA
Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTJ ID = 250 µA, Referenced to 25°C
0.7
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 4.75A
0.6
0.73
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
1570 2040 pF
Output Capacitance
COSS
166
215
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1.0 MHz
18
24
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
23
55
ns
Turn-On Rise Time
tR
69
150
ns
Turn-Off Delay Time
tD(OFF)
144
300
ns
Turn-Off Fall Time
tF
VDD=300V, ID =10A, RG =25Ω
(Note 1, 2)
77
165
ns
Total Gate Charge
QG
44
57
nC
Gate-Source Charge
QGS
6.7
nC
Gate-Drain Charge
QGD
VDS=480V, ID=10A, VGS=10 V
(Note 1, 2)
18.5
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com