Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12NN10G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 12NN10G-S08-R
Description  DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12NN10G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  12NN10G-S08-R Datasheet HTML 1Page - Unisonic Technologies 12NN10G-S08-R Datasheet HTML 2Page - Unisonic Technologies 12NN10G-S08-R Datasheet HTML 3Page - Unisonic Technologies 12NN10G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
12NN10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-506.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous(Note 3)
ID
2.5
A
Drain Current
Pulsed(Note 2)
IDM
10
A
Power Dissipation
PD
2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by Max. junction temperature.
3. Surface mounted on 1 in
2 copper pad of FR4 board, t <10sec ; 135°C/W when mounted on Min. copper
pad.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient (Note 1)
θJA
62.5
°C/W
Note: 1. Surface mounted on 1 in
2 copper pad of FR4 board, t <10sec ; 135°C/W when mounted on Min. copper
pad.
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
100
V
Drain-Source Leakage Current
IDSS
VDS=80V, VGS=0V
10
µA
Forward
VDS=0V ,VGS=20V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VDS=0V ,VGS=-20V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
3
V
Drain-Source On-State Resistance (Note 1)
RDS(ON)
VGS=10V, ID=2A
150
mΩ
Forward Transconductance
gFS
VDS=10V, ID=2A
2.8
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
420
672
pF
Output Capacitance
COSS
60
pF
Reverse Transfer Capacitance
CRSS
VDS=25V,VGS=0V,f=1.0MHz
40
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 1)
QG
10
16
nC
Gate-Source Charge
QGS
2
nC
Gate-Drain Charge
QGD
VDS=80V, VGS=10V, ID=2A
4
nC
Turn-ON Delay Time (Note 1)
tD(ON)
6.5
ns
Turn-ON Rise Time
tR
7
ns
Turn-OFF Delay Time
tD(OFF)
14
ns
Turn-OFF Fall Time
tF
VDS=50V, ID=2A, RG=3.3Ω
VGS=10V
3.5
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage (Note 1)
VSD
IS =1.5A, VGS=0V
1.3
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com