Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70N06L-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 70N06L-TQ2-R
Description  70 Amps, 60 Volts N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

70N06L-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  70N06L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
70N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-089.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
TC = 25°C
70
A
Continuous Drain Current
TC = 100°C
ID
56
A
Drain Current Pulsed (Note 2)
IDM
280
A
Single Pulsed (Note 3)
EAS
600
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
20
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
10
V/ns
Power Dissipation
PD
200
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Repeativity rating: pulse width limited by junction temperature
L=0.24mH, IAS=70A, VDD=25V, RG=20Ω, Starting TJ=25°C
ISD≤48A, di/dt≤300A/μs, VDD≤BVDSS, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62
°C/W
Junction to Case
θJC
1.2
°C/W
ELECTRICAL CHARACTERISTICS (TC =25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250 μA
60
V
Drain-Source Leakage Current
IDSS
VDS = 60 V, VGS = 0 V
1
μA
Forward
VGS = 20V, VDS = 0 V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -20V, VDS = 0 V
-100
nA
Breakdown Voltage Temperature
Coefficient
BV
△
DSS/△TJ
ID = 1mA, Referenced to 25°C
0.08
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10 V, ID = 35 A
12
15
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
3300
pF
Output Capacitance
COSS
530
pF
Reverse Transfer Capacitance
CRSS
VGS = 0 V, VDS = 25 V
f = 1MHz
80
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
12
ns
Turn-On Rise Time
tR
79
ns
Turn-Off Delay Time
tD(OFF)
80
ns
Turn-Off Fall Time
tF
VDD = 30V, VGS=10V,ID =70 A
(Note 1, 2)
52
ns
Total Gate Charge
QG
90
140
nC
Gate-Source Charge
QGS
20
35
nC
Gate-Drain Charge (Miller Charge)
QGD
VDS = 60V, VGS = 10 V,
ID = 48A (Note 1, 2)
30
45
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com