Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78LXX-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 78LXX-AB3-R
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXX-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  78LXX-AB3-R Datasheet HTML 1Page - Unisonic Technologies 78LXX-AB3-R Datasheet HTML 2Page - Unisonic Technologies 78LXX-AB3-R Datasheet HTML 3Page - Unisonic Technologies 78LXX-AB3-R Datasheet HTML 4Page - Unisonic Technologies 78LXX-AB3-R Datasheet HTML 5Page - Unisonic Technologies 78LXX-AB3-R Datasheet HTML 6Page - Unisonic Technologies 78LXX-AB3-R Datasheet HTML 7Page - Unisonic Technologies 78LXX-AB3-R Datasheet HTML 8Page - Unisonic Technologies 78LXX-AB3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
78LXX
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R101-001,K
3-TERMINAL 0.1A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 78LXX family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 100mA.
FEATURES
* Output current up to 100mA
* Fixed output voltage of 5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V and
24V available
* Thermal overload shutdown protection
* Short circuit current limiting
Lead-free:
78LXXL
Halogen-free: 78LXXG
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
1 2 3 4 5 6 7 8
Package
Packing
78Lxx-AB3-R
78LxxL-AB3-R
78LxxG-AB3-R
O G I
-
-
-
-
-
SOT-89
Tape Reel
78Lxx-S08-R
78LxxL-S08-R
78LxxG-S08-R
OG G N N G G I
SOP-8
Tape Reel
78Lxx-T92-B
78LxxL-T92-B
78LxxG-T92-B
O G I
-
--
--
TO-92
Tape Box
78Lxx-T92-K
78LxxL-T92-K
78LxxG-T92-K
O G I
-
--
--
TO-92
Bulk
78Lxx-T92-R
78LxxL-T92-R
78LxxG-T92-R
O G I
-
--
--
TO-92
Tape Reel
Note: 1. xx: Output Voltage, refer to Marking Information.
2. O: Output G: GND I: Input N: No Connection


Similar Part No. - 78LXX-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78LXX-AB3-B-R UTC-78LXX-AB3-B-R Datasheet
251Kb / 8P
LINEAR INTEGRATED CIRCUIT
More results

Similar Description - 78LXX-AB3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
3-terminal 0.1A positive voltage regulator
KA78L24A FAIRCHILD-KA78L24A Datasheet
78Kb / 16P
3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
3-Terminal 0.1A Positive Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
78LXX UTC-78LXX_V01 Datasheet
316Kb / 9P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com