Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78LXX-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78LXX-S08-R
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXX-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  78LXX-S08-R Datasheet HTML 1Page - Unisonic Technologies 78LXX-S08-R Datasheet HTML 2Page - Unisonic Technologies 78LXX-S08-R Datasheet HTML 3Page - Unisonic Technologies 78LXX-S08-R Datasheet HTML 4Page - Unisonic Technologies 78LXX-S08-R Datasheet HTML 5Page - Unisonic Technologies 78LXX-S08-R Datasheet HTML 6Page - Unisonic Technologies 78LXX-S08-R Datasheet HTML 7Page - Unisonic Technologies 78LXX-S08-R Datasheet HTML 8Page - Unisonic Technologies 78LXX-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
78LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R101-001,K
ELECTRICAL CHARACTERISTICS (Cont.)
For UTC78L08
(VIN=14V, IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF, Co=0.1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
7.68
8.0
8.32
V
10.5V≤VIN≤23V,IOUT=1mA-40mA
7.60
8.40
V
Output Voltage
VOUT
10.5V≤VIN≤VMAX, IOUT=1mA-70mA
7.60
8.40 V(note 2)
TJ=25°C,IOUT=1mA-100mA
15
80
mV
Load Regulation
ΔVOUT
TJ=25°C,IOUT=1mA-70mA
8.0
40
mV
10.5V≤VIN≤23V,TJ=25°C
10
175
mV
Line regulation
ΔVOUT
11V≤VIN≤23V,TJ=25°C
8
125
mV
Quiescent Current
IQ
VIN=14V,IOUT=0mA,TJ=25°C
2.0
5.5
mA
11V≤VIN≤23V
1.5
mA
Quiescent Current Change
ΔIQ
1mA≤VIN≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
49
μV
Temperature coefficient of Vo
ΔVO/ΔT IOUT=5mA
-
0.75
mV/
°C
Ripple Rejection
RR
11V≤VIN≤23V,f=120Hz,TJ=25°C
39
70
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L09
(VIN=15V, IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF, Co=0.1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
8.64
9.0
9.36
V
11.5V≤VIN≤24V,IOUT=1mA-40mA
8.55
9.45
V
Output Voltage
VOUT
11.5V≤VIN≤VMAX, IOUT=1mA-70mA
8.55
9.45 V(note 2)
TJ=25°C,IOUT=1mA-100mA
20
90
mV
Load Regulation
ΔVOUT
TJ=25°C,IOUT=1mA-40mA
10
45
mV
11.5V≤VIN≤24V,TJ=25°C
90
200
mV
Line regulation
ΔVOUT
13V≤VIN≤24V,TJ=25°C
100
150
mV
Quiescent Current
IQ
VIN=15V,IOUT=0mA,TJ=25°C
2.0
6.0
mA
13V≤VIN≤24V
1.5
mA
Quiescent Current Change
ΔIQ
1mA≤VIN≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
70
μV
Temperature coefficient of VOUT
ΔVO/ΔT IOUT=5mA
-0.75
mV/
°C
Ripple Rejection
RR
12V≤VIN≤24V,f=120Hz,TJ=25°C
38
44
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L10
(VIN=16V, IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF, Co=0.1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
9.6
10.0
10.4
V
12.5V≤VIN≤25V,IOUT=1mA-40mA
9.5
10.5
V
Output Voltage
VOUT
12.5V≤VIN≤VMAX, IOUT=1mA-70mA
9.5
10.5 V(note 2)
TJ=25°C,IOUT=1mA-100mA
20
94
mV
Load Regulation
ΔVOUT
TJ=25°C,IOUT=1mA-70mA
10
47
mV
12.5V≤VIN≤25V,TJ=25°C
100
200
mV
Line regulation
ΔVOUT
14V≤VIN≤25V,TJ=25°C
100
170
mV
Quiescent Current
IQ
VIN=17V,IOUT=0mA,TJ=25°C
2.0
6.0
mA
12.5V≤VIN≤25V
1.5
mA
Quiescent Current Change
ΔIQ
1mA≤VIN≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
74
μV
Temperature coefficient of VOUT
ΔVO/ΔT IOUT=5mA
-0.8
mV/
°C
Ripple Rejection
RR
15V≤VIN≤25V,f=120Hz,TJ=25°C
38
43
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com