Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78LXX-T92-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 78LXX-T92-R
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXX-T92-R Datasheet(HTML) 6 Page - Unisonic Technologies

  78LXX-T92-R Datasheet HTML 1Page - Unisonic Technologies 78LXX-T92-R Datasheet HTML 2Page - Unisonic Technologies 78LXX-T92-R Datasheet HTML 3Page - Unisonic Technologies 78LXX-T92-R Datasheet HTML 4Page - Unisonic Technologies 78LXX-T92-R Datasheet HTML 5Page - Unisonic Technologies 78LXX-T92-R Datasheet HTML 6Page - Unisonic Technologies 78LXX-T92-R Datasheet HTML 7Page - Unisonic Technologies 78LXX-T92-R Datasheet HTML 8Page - Unisonic Technologies 78LXX-T92-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
78LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R101-001,K
ELECTRICAL CHARACTERISTICS (Cont.)
For UTC78L24
(VIN=33V,IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF,Co=0.1μF,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
23.04 24.0
24.96
V
27V≤VIN≤38V,IOUT=1mA-40mA
22.8
25.2
V
Output Voltage
VOUT
27V≤VIN≤VMAX, IOUT=1mA-70mA
22.8
25.2 V(note 2)
TJ=25°C,IOUT=1mA-100mA
40
200
mV
Load Regulation
VOUT
TJ=25°C,IOUT=1mA-40mA
20
100
mV
27V≤VIN≤38V,TJ=25°C
160
300
mV
Line Regulation
VOUT
28V≤VIN≤38V,TJ=25°C
150
250
mV
Quiescent Current
IQ
VIN=33V,IOUT=0mA,TJ=25°C
2.2
6.0
mA
27V≤VIN≤38V
1.5
mA
Quiescent Current Change
ΔIQ
1mA≤VIN≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
200
μV
Temperature Coefficient of VOUT
ΔVOT IOUT=5mA
-2.0
mV/
°C
Ripple Rejection
RR
27V≤VIN≤38V,f=120Hz,TJ=25°C
34
45
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
Note 1.The Maximum steady state usable output current is dependent on input voltage, heat sinking, lead length of
the package and copper pattern of PCB.
2.Power dissipation<0.5W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com