Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79DXX-TN3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 79DXX-TN3-R
Description  3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79DXX-TN3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  79DXX-TN3-R Datasheet HTML 1Page - Unisonic Technologies 79DXX-TN3-R Datasheet HTML 2Page - Unisonic Technologies 79DXX-TN3-R Datasheet HTML 3Page - Unisonic Technologies 79DXX-TN3-R Datasheet HTML 4Page - Unisonic Technologies 79DXX-TN3-R Datasheet HTML 5Page - Unisonic Technologies 79DXX-TN3-R Datasheet HTML 6Page - Unisonic Technologies 79DXX-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
79DXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R101-012.E
ELECTRICAL CHARACTERISTICS(Cont.)
FOR 79D08
(VIN=-14V, IOUT=500mA, CI=2.2uF,CO=1uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
-7.68
-8.0
-8.32
V
Output Voltage
VOUT
5.0mA<IOUT<0.5A, POUT<15W
VIN=-10.5V ~ -23V
-7.60
-8.40
V
TJ=25°C, VIN=-10.5V ~ -25V
10
100
mV
Line Regulation
ΔVOUT
TJ=25°C, VIN=-11.5V ~ -17V
5
80
mV
TJ=25°C, IOUT=5.0mA ~ 0.5A
12
160
mV
Load Regulation
ΔVOUT
TJ=25°C, IOUT=5.0mA ~ 200mA
4
80
mV
Quiescent Current
IQ
TJ=25°C
4.3
8
mA
IOUT=5mA ~ 0.5A
0.05
0.5
mA
Quiescent Current change
ΔIQ
VIN=-11.5V ~ -25V
0.1
1.0
mA
Temperature Coefficient of VOUT
ΔVOUT/ΔTIOUT=5mA
-0.6
mV/
°C
Output Noise Voltage
eN
f=10Hz ~ 100kHz, Ta=25
°C
175
μV
Ripple Rejection
RR
f=120Hz, VIN=-11.5V ~ -21.5V
54
60
dB
Dropout Voltage
VD
IOUT=0.5A, TJ=25°C
2
V
FOR 79D09
(VIN=-15V, IOUT=500mA, CI=2.2uF,Co=1uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
-8.64
-9.0
-9.36
V
Output Voltage
VOUT
5.0mA<IOUT<0.5A,POUT<15W
VIN =-11.5V ~ -24V
-8.55
-9.45
V
TJ=25°C, VIN=-11.5V ~ - 25 V
10
180
mV
Line regulation
ΔVOUT
TJ=25°C, VIN =-12.5V ~ - 18V
5
90
mV
TJ=25°C, IOUT=5.0mA ~ 0.5A
12
180
mV
Load Regulation
ΔVOUT
TJ=25°C, IOUT=5.0mA ~ 200mA
4
90
mV
Quiescent Current
IQ
TJ=25°C
4.3
8
mA
IOUT=5mA ~ 0.5A
0.05
0.5
mA
Quiescent Current Change
ΔIQ
VIN=-11.5V ~ -26V
0.1
1.0
mA
Temperature Coefficient of VOUT
ΔVOUT/ΔTIOUT=5mA
-0.6
mV/
°C
Output Noise Voltage
eN
f=10Hz ~ 100kHz, Ta=25
°C
175
μV
Ripple Rejection
RR
f=120Hz VIN =-12.5V ~ -22.5V
54
60
dB
Dropout Voltage
VD
IOUT=0.5A,TJ=25°C
2
V
FOR 79D12
(VIN=-18V, IOUT=500mA, CI=2.2uF,Co=1uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
-11.52
-12.0
-12.48
V
Output Voltage
VOUT
5.0mA<IOUT<0.5A, POUT<15W
VIN=-14.5V ~ -27V
-11.40
-12.60
V
TJ=25°C, VIN=-14.5V ~ -30V
12
240
mV
Line Regulation
ΔVOUT
TJ=25°C, VIN=-16V ~ -22V
6
120
mV
TJ=25°C, IOUT=5.0mA ~ 0.5A
12
240
mV
Load Regulation
ΔVOUT
TJ=25°C, IOUT=5.0mA ~ 200mA
4
120
mV
Quiescent Current
IQ
TJ=25°C
4.3
8
mA
IOUT=5mA ~ 0.5A
0.05
0.5
mA
Quiescent Current Change
ΔIQ
VIN=-14.5V ~ -30V
0.1
1.0
mA
Temperature Coefficient of VOUT
ΔVOUT/ΔTIOUT=5mA
-0.8
mV/
°C
Output Noise Voltage
eN
f=10Hz ~ 100kHz, Ta=25
°C
200
μV
Ripple Rejection
RR
f=120Hz, VIN=-15V ~ -25V
54
60
dB
Dropout Voltage
VD
IOUT=0.5A, TJ=25°C
2
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com