Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78LXXML-T92-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 78LXXML-T92-R
Description  3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXML-T92-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button 78LXXML-T92-R Datasheet HTML 2Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 3Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 4Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 5Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 6Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 7Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 8Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 9Page - Unisonic Technologies 78LXXML-T92-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
78LXXM
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R101-002,H
ELECTRICAL CHARACTERISTICS(Cont.)
For UTC78L15M (VIN=23V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
14.40
15
15.60
V
17.5V≦VIN≦30V,IOUT=1mA - 40mA
14.25
15.75
V
Output Voltage
VOUT
17.5V≦VIN≦VMAX,
IOUT=1mA - 200mA
14.25
15.75
V
(note 2)
TJ=25°C,IOUT=1mA - 100mA
20
150
mV
Load Regulation
ΔV
OUT
TJ=25°C,IOUT=1mA - 70mA
25
150
mV
17.5V
V
≦ IN 30V,T
≦
J=25°C
25
150
mV
Line Regulation
ΔV
OUT
20V
V
≦ IN 30V,T
≦
J=25°C
15
75
mV
Quiescent Current
IQ
2.2
6.5
mA
20V
V
≦ IN 30V
≦
1.5
mA
Quiescent Current Change
ΔI
Q
1mA
V
≦ IN 40mA
≦
0.1
mA
Output Noise Voltage
eN
10Hz
f
100kHz
≦≦
90
uV
Temperature Coefficient of VOUT
ΔVo/ΔTI
OUT=5mA
-1.3
mV/
°C
Ripple Rejection
RR
18.5V
V
≦ IN 28.5V,f=120Hz,T
≦
J=25°C
34
63
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L18M (VIN=27V,IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
17.28
18
18.72
V
21V
V
≦ IN 33V,I
≦
OUT=1mA - 40mA
17.10
18.90
V
Output Voltage
VOUT
21V
V
≦ IN V
≦ MAX,
IOUT=1mA - 200mA
17.10
18.90
V
(note 2)
TJ=25°C,IOUT=1mA - 100mA
30
170
mV
Load Regulation
ΔV
OUT
TJ=25°C,IOUT=1mA - 40mA
15
85
mV
21V
V
≦ IN 33V,T
≦
J=25°C
145
300
mV
Line Regulation
ΔV
OUT
22V
V
≦ IN 33V,T
≦
J=25°C
135
250
mV
Quiescent Current
IQ
2.0
6.0
mA
21V
V
≦ IN 33V
≦
1.5
mA
Quiescent Current Change
ΔI
Q
1mA
V
≦ IN 40mA
≦
0.1
mA
Output Noise Voltage
eN
10Hz
f
100kHz
≦≦
150
uV
Temperature Coefficient of VOUT
ΔVo/ΔTI
OUT=5mA
-1.8
mV/
°C
Ripple Rejection
RR
23V
V
≦ IN 33V,f=120Hz,T
≦
J=25°C
34
48
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com