Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78LXXMG-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 78LXXMG-S08-R
Description  3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXMG-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  78LXXMG-S08-R Datasheet HTML 1Page - Unisonic Technologies 78LXXMG-S08-R Datasheet HTML 2Page - Unisonic Technologies 78LXXMG-S08-R Datasheet HTML 3Page - Unisonic Technologies 78LXXMG-S08-R Datasheet HTML 4Page - Unisonic Technologies 78LXXMG-S08-R Datasheet HTML 5Page - Unisonic Technologies 78LXXMG-S08-R Datasheet HTML 6Page - Unisonic Technologies 78LXXMG-S08-R Datasheet HTML 7Page - Unisonic Technologies 78LXXMG-S08-R Datasheet HTML 8Page - Unisonic Technologies 78LXXMG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
78LXXM
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R101-002,H
ELECTRICAL CHARACTERISTICS(Cont.)
For UTC78L10M (VIN=16V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
9.6
10.0
10.4
V
12.5V≦VIN≦23V,IOUT=1mA - 40mA
9.5
10.5
V
Output Voltage
VOUT
12.5V≦VIN≦VMAX,
IOUT=1mA - 200mA
9.5
10.5
V
(note 2)
TJ=25°C,IOUT=1mA - 100mA
20
94
mV
Load Regulation
ΔV
OUT
TJ=25°C,IOUT=1mA - 70mA
10
47
mV
12.5V≦VIN≦23V,TJ=25°C
100
220
mV
Line Regulation
ΔV
OUT
14V≦VIN≦23V,TJ=25°C
200
170
mV
Quiescent Current
IQ
4.2
6.5
mA
12.5V≦VIN≦23V
1.5
mA
Quiescent Current Change
ΔI
Q
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
74
uV
Temperature Coefficient of VOUT
ΔVo/ΔTI
OUT=5mA
0.95
mV/
°C
Ripple Rejection
RR
15V≦VIN≦23V,f=120Hz,TJ=25°C
38
43
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L12M (VIN=19V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
11.52
12
12.48
V
14.5V≦VIN≦27V,IOUT=1mA - 40mA
11.40
12.60
V
Output Voltage
VOUT
14.5V≦VIN≦VMAX,
IOUT=1mA - 200mA
11.40
12.60
V
(note 2)
TJ=25°C,IOUT=1mA - 100mA
25
150
mV
Load Regulation
ΔV
OUT
TJ=25°C,IOUT=1mA - 40mA
12
75
mV
14.5V≦VIN≦27V,TJ=25°C
25
300
mV
Line Regulation
ΔV
OUT
16V≦VIN≦27V,TJ=25°C
20
250
mV
Quiescent Current
IQ
2.0
6.0
mA
16V≦VIN≦27V
1.5
mA
Quiescent Current Change
ΔI
Q
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
80
uV
Temperature Coefficient of VOUT
ΔVo/ΔTI
OUT=5mA
-1.0
mV/
°C
Ripple Rejection
RR
15V≦VIN≦25V,f=120Hz,TJ=25°C
37
65
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com