Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82NXXG-AF5-B-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 82NXXG-AF5-B-R
Description  VOLTAGE DETECTORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82NXXG-AF5-B-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button 82NXXG-AF5-B-R Datasheet HTML 4Page - Unisonic Technologies 82NXXG-AF5-B-R Datasheet HTML 5Page - Unisonic Technologies 82NXXG-AF5-B-R Datasheet HTML 6Page - Unisonic Technologies 82NXXG-AF5-B-R Datasheet HTML 7Page - Unisonic Technologies 82NXXG-AF5-B-R Datasheet HTML 8Page - Unisonic Technologies 82NXXG-AF5-B-R Datasheet HTML 9Page - Unisonic Technologies 82NXXG-AF5-B-R Datasheet HTML 10Page - Unisonic Technologies 82NXXG-AF5-B-R Datasheet HTML 11Page - Unisonic Technologies 82NXXG-AF5-B-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
82NXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 13
www.unisonic.com.tw
QW-R502-057,E
ELECTRICAL CHARACTERISTICS(Cont.)
Detection voltage (6.0V)
PARAMETER
SYMBOL
CIRCUIT TEST CONDITONS
MIN
TYP
MAX.
UNIT
Detect Voltage(Note1)
VDF
1
VDF×0.98
VDF
(Note2)
VDF×1.02
V
Hysteresis Range
VHYS
1
VDF×0.02 VDF×0.05 VDF×0.08
V
VIN =6.0V
1.2
3.8
μA
Supply Current
ISS
2
VIN =7.0V
1.3
4.0
μA
Operating Voltage
VIN
1
0.7
10
V
Output Current
IOUT
3
VDS=0.5V, VIN=6.0V
8.0
13.0
mA
Temperature Characteristics
DF
×
OPR
DF
V
ΔT
ΔV
-40°C≤TOPR≤85°C
±100
ppm/°C
Transient Delay Time
tDLY
4
0.2
ms
Notes: 1. Detect voltage of ±1% tolerance is also available per customer’s request.
2. VDF(T) : Established Detect Voltage Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com