Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513F-S16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 3513F-S16-R
Description  PC POWER SUPPLY SUPERVISOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3513F-S16-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button 3513F-S16-R Datasheet HTML 2Page - Unisonic Technologies 3513F-S16-R Datasheet HTML 3Page - Unisonic Technologies 3513F-S16-R Datasheet HTML 4Page - Unisonic Technologies 3513F-S16-R Datasheet HTML 5Page - Unisonic Technologies 3513F-S16-R Datasheet HTML 6Page - Unisonic Technologies 3513F-S16-R Datasheet HTML 7Page - Unisonic Technologies 3513F-S16-R Datasheet HTML 8Page - Unisonic Technologies 3513F-S16-R Datasheet HTML 9Page - Unisonic Technologies 3513F-S16-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3513
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 12
www.unisonic.com.tw
QW-R502-129.A
BLOCK DIAGRAM(Cont.)
+
-
PGI
UN
Bandgap
Reference
VREF=1.2V
+
-
IS33
VS33
+
-
OV
V12A
IREF*8
+
-
UN
IS12AB
+
-
V12A
IREF*8
+
-
OV
+
-
UN
VS12A
+
-
V12A
IREF*8
+
-
UN
+
-
OV
VS12B
IS5
+
-
IREF*8
V12A
+
-
OV
+
-
UN
VS5
75ms/300ms
delay
73µs/
debounce
RST
73µs
debounce
clr
300ms
delay
PGO
VDD
FPOB
R
SQ
Q
2.4ms
delay
38ms
debounce
Power On Reset
PWR
2.4V~3.2V
OTP/FC
PSONB
Internal
Power
VCCI=3.6V
+
-
VREF=1.2V
V12A
RI
+
-
PWM
OSC
PWR
CLK
Figure 2. 3513F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com