Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513FL-S16-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # 3513FL-S16-R
Description  PC POWER SUPPLY SUPERVISOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3513FL-S16-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button 3513FL-S16-R Datasheet HTML 4Page - Unisonic Technologies 3513FL-S16-R Datasheet HTML 5Page - Unisonic Technologies 3513FL-S16-R Datasheet HTML 6Page - Unisonic Technologies 3513FL-S16-R Datasheet HTML 7Page - Unisonic Technologies 3513FL-S16-R Datasheet HTML 8Page - Unisonic Technologies 3513FL-S16-R Datasheet HTML 9Page - Unisonic Technologies 3513FL-S16-R Datasheet HTML 10Page - Unisonic Technologies 3513FL-S16-R Datasheet HTML 11Page - Unisonic Technologies 3513FL-S16-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
3513
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 12
www.unisonic.com.tw
QW-R502-129.A
APPLICATION CIRCUIT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PGI
GND
FPOB
PSONB
OTP
RI
VS12B
IS12A
VS12A
IS33
VS33
IS5
VS5
VDD
PGO
3513E
15
16
IS12B
47Ω
0.01μF
5V
IS5
+3.3V
IS33
OTP
0.01μF
300
PSONB
PGI
RI
100Ω
5VSB
10KΩ
12VB
3KΩ
IS12A
12VA
IS12B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com