Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4051L-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 4051L-S16-R
Description  8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4051L-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  4051L-S16-R Datasheet HTML 1Page - Unisonic Technologies 4051L-S16-R Datasheet HTML 2Page - Unisonic Technologies 4051L-S16-R Datasheet HTML 3Page - Unisonic Technologies 4051L-S16-R Datasheet HTML 4Page - Unisonic Technologies 4051L-S16-R Datasheet HTML 5Page - Unisonic Technologies 4051L-S16-R Datasheet HTML 6Page - Unisonic Technologies 4051L-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4051
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-054.B
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CONTROL INPUTS – INHIBIT A, B, C (Voltages Referenced to VSS)
VDD=5V
2.25
1.5
VDD=10V
4.50
3.0
Low Level Input Voltage
VDD=15V
VIL
RON= per spec, IOFF = per spec
6.75
4.0
V
VDD=5V
3.5
2.75
VDD=10V
7
5.5
High Level Input Voltage
VDD=15V
VIH
RON= per spec, IOFF = per spec
11
8.25
V
Input Leakage Current
ILEAK
VIN= 0 or VDD, VDD=15V
±0.00001
±0.1
µA
Input Capacitance
CIN
5.0
7.5
pF
DYNAMIC ELECTRICAL CHARACTERISTICS
(CL = 50pF, Ta=25℃, VEE≦VSS, unless otherwise specified)
PARAMETER
SYMBOL
VDD–VEE
Vdc
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation Delay Times
Switch Input to Switch
Output (RL = 10 kΩ)
tPLH, tPHL
5
10
15
tPLH, tPHL =(0.17 ns/pF)CL + 26.5ns
tPLH, tPHL =(0.08 ns/pF)CL + 11ns
tPLH, tPHL =(0.06 ns/pF)CL + 9ns
35
15
12
90
40
30
ns
Inhibit to Output
tPHZ, tPLZ
tPZH, tPZL
5
10
15
(RL=10kΩ, VEE=VSS)
Output “1” or “0” to High Impedance,
or High Impedance to “1” or “0” Level
350
170
140
700
340
280
ns
Control Input to Output
tPLH, tPHL
5
10
15
RL = 10 kΩ, VEE = VSS
360
160
120
720
320
240
ns
Total Harmonic Distortion
THD
10
RL = 10KΩ, f = 1 kHz, Vin = 5 VPP
0.07
%
Bandwidth
BW
10
RL = 1kΩ, VIN = 1/2 (VDD–VEE) p–p,
CL = 50pF, 20 Log (VOUT/VIN) = -3dB)
17
MHz
Off Channel Feedthrough
Attenuation
10
RL=1KΩ, VIN = 1/2 (VDD–VEE) p–p
fIN = 4.5 MHz
-50
dB
Channel Separation
10
RL = 1kΩ, VIN = 1/2 (VDD–VEE) p–p
fIN = 3MHz
-50
dB
Crosstalk, Control Input to
Common O/I
10
R1 = 1kΩ, RL = 10kΩ Control
tTLH = tTHL = 20ns, Inhibit = VSS
75
mV
Note 1. Data of “TYP” is intended as an indication of the IC’s potential performance.
2. For voltage drops across the switch(∆Vsw)>600mV (>300mV at high temperature), excessive VDD current
may be drawn, i.e. the current out of the switch may contain both VDD and switch input components. The
reliability of the device will be unaffected unless the Maximum Ratings are exceeded.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com