Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7106 Datasheet(PDF) 11 Page - Unisonic Technologies

Part # 7106
Description  3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106 Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button 7106 Datasheet HTML 7Page - Unisonic Technologies 7106 Datasheet HTML 8Page - Unisonic Technologies 7106 Datasheet HTML 9Page - Unisonic Technologies 7106 Datasheet HTML 10Page - Unisonic Technologies 7106 Datasheet HTML 11Page - Unisonic Technologies 7106 Datasheet HTML 12Page - Unisonic Technologies 7106 Datasheet HTML 13Page - Unisonic Technologies 7106 Datasheet HTML 14Page - Unisonic Technologies 7106 Datasheet HTML 15Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
7106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 18
www.unisonic.com.tw
QW-R502-018.D
DETAILED DESCRIPTION(Cont.)
DIGITAL SECTION
Figure 5 show the digital section for the UTC 7106, respectively. In the UTC 7106, an internal digital ground is
generated from a 6V Zener diode and a large P-Channel source follower. This supply is made stiff to absorb the
relative large capacitive currents when the back plane(BP) voltage is switched. The BP frequency is the clock
frequency divided by 800. For three readings/sec, this is a 60Hz square wave with a nominal amplitude of 5V. The
segments are driven at the same frequency and amplitude and are in phase with BP when OFF, but out of phase
when ON. In all cases negligible DC voltage exists across the segments.
LCD PHASE DRIVER
7
SEGMENT
DECODE
7
SEGMENT
DECODE
7
SEGMENT
DECODE
LATCH
1000 s
COUNTER
,
100 s
COUNTER
,
10 s
COUNTER
,
1 s
COUNTER
,
BACKPLANE
÷200
LOGIC
CONTROL
÷ 4
FROM COMPARATOR OUTPUT
* THREE INVERTERS ONE INVERTER SHOWN FOR CLARITY
CLOCK
40
39
38
OSC 1
OSC 2
OSC 3
Figure 5. Digital Section
VTH=1V
26
37
6.2V
500Ω
TEST
V-
V+
1
21
TYPICAL SEGMENT OUTPUT
SEGMENT
OUTPUT
2mA
0.5mA
V+
INTERNAL DIGITAL GROUND
INTERNAL
DIGITAL
GROUND
*
a
b
a
b
g
f
e
c
d
a
b
g
f
e
c
d
a
b
g
f
e
c
d
TO SWITCH DRIVERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com