Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31002A-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 31002A-S08-R
Description  TELEPHONE TONE RINGER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

31002A-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  31002A-S08-R Datasheet HTML 1Page - Unisonic Technologies 31002A-S08-R Datasheet HTML 2Page - Unisonic Technologies 31002A-S08-R Datasheet HTML 3Page - Unisonic Technologies 31002A-S08-R Datasheet HTML 4Page - Unisonic Technologies 31002A-S08-R Datasheet HTML 5Page - Unisonic Technologies 31002A-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
31002A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R108-005.C
TELEPHONE TONE RINGER
DESCRIPTION
The UTC 31002A is a bipolar integrated circuit designed for
telephone bell replacement. It can also be used as alarms or other
alerting devices.
FEATURES
*Designed for telephone bell replacement.
*Low current drain for multiple extension of lines.
*Adjustable 2-frequency tone.
*Adjustable warbling rate.
*Built-in hysteresis prevents false triggering and rotary dial
'CHIRPS'.
*Programmable for initiation current by simple external resistor
DIP-8
SOP-8
*Pb-free plating product number: 31002AL
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
31002A-D08-T
31002AL-D08-T
DIP-8
Tube
31002A-S08-R
31002AL-S08-R
SOP-8
Tape Reel
31002A-S08-T
31002AL-S08-T
SOP-8
Tube


Similar Part No. - 31002A-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
31002A UTC-31002A Datasheet
131Kb / 4P
LINEAR INTEGRATED CIRCUIT
31002AG-D08-T UTC-31002AG-D08-T Datasheet
193Kb / 5P
TELEPHONE TONE RINGER
31002AG-S08-R UTC-31002AG-S08-R Datasheet
193Kb / 5P
TELEPHONE TONE RINGER
31002AG-S08-T UTC-31002AG-S08-T Datasheet
193Kb / 5P
TELEPHONE TONE RINGER
31002AL-D08-T UTC-31002AL-D08-T Datasheet
193Kb / 5P
TELEPHONE TONE RINGER
More results

Similar Description - 31002A-S08-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
TELEPHONE TONE RINGER
logo
Unisonic Technologies
UTC31001 UTC-UTC31001 Datasheet
25Kb / 3P
TELEPHONE TONE RINGER
UTC31002A UTC-UTC31002A Datasheet
33Kb / 4P
TELEPHONE TONE RINGER
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
TELEPHONE TONE RINGER
UTCTA31002 UTC-UTCTA31002 Datasheet
27Kb / 4P
TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
TELEPHONE TONE RINGER
TA31001 UTC-TA31001_10 Datasheet
200Kb / 6P
TELEPHONE TONE RINGER
TA31002 UTC-TA31002 Datasheet
67Kb / 6P
TELEPHONE TONE RINGER
31002A UTC-31002A_15 Datasheet
193Kb / 5P
TELEPHONE TONE RINGER
TA31002 UTC-TA31002_15 Datasheet
67Kb / 6P
TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com