Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75185-R20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 75185-R20-R
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75185-R20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  75185-R20-R Datasheet HTML 1Page - Unisonic Technologies 75185-R20-R Datasheet HTML 2Page - Unisonic Technologies 75185-R20-R Datasheet HTML 3Page - Unisonic Technologies 75185-R20-R Datasheet HTML 4Page - Unisonic Technologies 75185-R20-R Datasheet HTML 5Page - Unisonic Technologies 75185-R20-R Datasheet HTML 6Page - Unisonic Technologies 75185-R20-R Datasheet HTML 7Page - Unisonic Technologies 75185-R20-R Datasheet HTML 8Page - Unisonic Technologies 75185-R20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
75185
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R113-003,F
DRIVER ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING
FREE-AIR TEMPERATURE RANGE (VDD=9V, VSS=-9V, VCC=5V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
High Level Output Voltage
VOH
VIL =0.8V, RL =3 kΩ (Figure 1)
6
7.5
V
Low Level Output Voltage (Note 3)
VOL
VIH =1.9V, RL =3 kΩ (Figure 1)
-7.5
-6
V
High Level Input Current
IIH
VIN =5V (Figure 2)
10
μA
Low Level Input Current
IIL
VIN =0V (Figure 2)
-1.6
mA
High Level Short Circuit Output Current
(Note 4)
IOS(H)
VIL =0.8V, VOUT =0V(Figure 1)
-4.5
-12 -19.5 mA
Low Level Short Circuit Output Current
IOS(L)
VIH =2V, VOUT =0V(Figure 1)
4.5
12
19.5 mA
Output Resistance (Note 5)
ROUT
VDD =VSS=VCC=0V, VOUT =-2 to 2V 300
Ω
Note 3: The algebraic convention, where the more positive (less negative) limit is designated as maximum, is used in
this datasheet for logic levels only (e.g. if -10V is a maximum, the typical value is a more negative voltage).
Note 4: Output short circuit conditions must maintain the total power dissipation below absolute maximum ratings.
Note 5: Test conditions are those specified by TIA/EIA232-F and as listed above.
DRIVER SWITCHING CHARACTERISTICS (VDD=12V, VSS=-12V, VCC=5V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Low to High
tPLH
RL=3 to 7 kΩ, CL=15pF (Figure 3)
315 500
ns
Propagation Delay Time Level
Output
High to Low
tPHL
RL=3 to 7 kΩ, CL=15pF (Figure 3)
75
175
ns
RL=3 to 7 kΩ, CL=15pF (Figure 3)
60
100
ns
Transition Time Level Output
Low to High
tTLH
RL=3 to 7 kΩ, CL=2500pF
(Note 6,Figure 3)
1.7
2.5
μs
RL=3 to 7 kΩ, CL=15pF (Figure 3)
40
75
ns
Transition Time Level Output
High to Low
tTHL
RL=3 to 7 kΩ, CL=2500pF
(Note 7, Figure 3)
1.5
2.5
μs
Note 6: Measured between -3V and 3V points of the output waveform (TIA/EIA-232-F conditions), all unused inputs
are tied.
Note 7: Measured between 3V and -3V points of the output waveform (TIA/EIA-232-F conditions), all unused inputs
are tied.
RECEIVER ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING
CONDITIONS (TA=25°C, VCC=5V, VDD=9V, VSS=-9V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Positive Going Threshold Voltage
VT+
(Figure 5)
TA=25°C
TA=0°C to 70°C
1.75
1.55
1.9
2.3
2.3
V
Negative Going Threshold Voltage
VT-
0.75
0.97
1.25
V
Input Hysteresis (VT+ - VT-)
VHYS
0.5
V
VIH=0.75V
2.6
4
5
High level
VOH
IOH=-0.5mA
Inputs Open
2.6
V
Output Voltage
Low level
VOL
VIN=3V, IOL=10mA
0.2
0.45
V
VIN=25V (Figure 5)
3.6
8.3
High level
IIH
VIN=3V (Figure 5)
0.43
mA
VIN=-25V (Figure 5)
-3.6
-8.3
Input Current
Low level
IIL
VIN=-3V (Figure 5)
-0.43
mA
Short-Circuit Output Current
IOS
(Figure 4)
-3.4
-12
mA
RECEIVER SWITCHING CHARACTERISTICS (VDD=12V, VSS=-12V, VCC=5V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low to High
tPLH
107
500
ns
Propagation Delay Time
Level Output
High to Low
tPHL
42
150
ns
Low to High
tTLH
175
525
ns
Transition Time Level
Output
High to Low
tTHL
RL=5 kΩ, CL=50pF
(Figure 6)
16
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com