Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75232 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 75232
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75232 Datasheet(HTML) 2 Page - Unisonic Technologies

  75232_08 Datasheet HTML 1Page - Unisonic Technologies 75232_08 Datasheet HTML 2Page - Unisonic Technologies 75232_08 Datasheet HTML 3Page - Unisonic Technologies 75232_08 Datasheet HTML 4Page - Unisonic Technologies 75232_08 Datasheet HTML 5Page - Unisonic Technologies 75232_08 Datasheet HTML 6Page - Unisonic Technologies 75232_08 Datasheet HTML 7Page - Unisonic Technologies 75232_08 Datasheet HTML 8Page - Unisonic Technologies 75232_08 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
75232
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R113-005,E
PIN CONFIGURATION
2
1
20
19
18
17
16
15
14
13
12
11
5
6
7
8
9
10
4
3
VDD
RA1
RA2
RA3
DY1
DY2
RA4
DY3
RA5
VSS
VCC
RY1
RY2
RY3
DA1
DA2
RY4
DA3
RY5
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
FUNCTION
1
VDD
Supply voltage
2
RA1
First receiver input
3
RA2
Second receiver input
4
RA3
Third receiver input
5
DY1
First driver output
6
DY2
Second driver output
7
RA4
Fourth receiver input
8
DY3
Third driver output
9
RA5
Fifth receiver input
10
VSS
Supply voltage
11
GND
Ground
12
RY5
Fifth receiver output
13
DA3
Third driver input
14
RY4
Fourth receiver output
15
DA2
Second driver input
16
DA1
First driver input
17
RY3
Third receiver output
18
RY2
Second receiver output
19
RY1
First receiver output
20
VCC
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com