Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75185-S20-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 75185-S20-R
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75185-S20-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button 75185-S20-R Datasheet HTML 2Page - Unisonic Technologies 75185-S20-R Datasheet HTML 3Page - Unisonic Technologies 75185-S20-R Datasheet HTML 4Page - Unisonic Technologies 75185-S20-R Datasheet HTML 5Page - Unisonic Technologies 75185-S20-R Datasheet HTML 6Page - Unisonic Technologies 75185-S20-R Datasheet HTML 7Page - Unisonic Technologies 75185-S20-R Datasheet HTML 8Page - Unisonic Technologies 75185-S20-R Datasheet HTML 9Page - Unisonic Technologies 75185-S20-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
75185
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R113-003,F
PARAMETER MEASUREMENT INFORMATION (Cont.)
RECEIVER TEST CIRCUITS:
Figure 4. For IOS
Figure 5. For VT, VOH, VOL
RECEIVER PROPAGATION AND TRANSITION TIMES:
VCC
VDD
VSS
Input
(see Note A)
Pulse
Generator
RL
CL
(see Note B)
TEST DIRCUIT
Output
Input
90%
50%
10%
tTHL
tPHL
tTLH
tPLH
90%
50%
10%
3V
0V
VOH
VOL
50%
50%
VOLTAGE WAVEFORMS
Figure 6.
Note 1. The pulse generator has the following characteristics: tw=25
μs, PRR=20kHz, Zo=50Ω, tr=tf<50ns.
2. CL includes probe and jig capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com