Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99G-AL3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BAV99G-AL3-R
Description  HIGH CONDUCTANCE ULTRA FAST DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BAV99G-AL3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  BAV99G-AL3-R Datasheet HTML 1Page - Unisonic Technologies BAV99G-AL3-R Datasheet HTML 2Page - Unisonic Technologies BAV99G-AL3-R Datasheet HTML 3Page - Unisonic Technologies BAV99G-AL3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BAV99
DIODE
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R601-005,E
HIGH CONDUCTANCE ULTRA
FAST DIODE
EQUIVALENT
For 3 Pin Package
For 6 Pin Package
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
4
5
6
Packing
BAV99L-AE3-R
BAV99G-AE3-R
SOT-23
K1
A2 K2A1
-
-
-
Tape Reel
BAV99L-AL3-R
BAV99G-AL3-R
SOT-323
K1
A2 K2A1
-
-
-
Tape Reel
BAV99L-AN3-R
BAV99G-AN3-R
SOT-523
K1
A2 K2A1
-
-
-
Tape Reel
BAV99L-AL6-R
BAV99G-AL6-R
SOT-363
A1
K1 A2K2 A2
K2 A1K1
Tape Reel
Note: Pin Assignment: A: Anode K: Cathode
(1) R: Tape Reel
(2) AE3: SOT-23, AL3: SOT-523, AN3: SOT-523,
(2) AL6: SOT-363
(3) G: Halogen Free, L: Lead Free
BAV99L-AE3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
MARKING
SOT-23/SOT-323/SOT-523
SOT-363
V99
L: Lead Free
G: Halogen Free


Similar Part No. - BAV99G-AL3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BAV99G-AL3-R UTC-BAV99G-AL3-R Datasheet
208Kb / 4P
HIGH CONDUCTANCE ULTRA FAST DIODE
More results

Similar Description - BAV99G-AL3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4150 FAIRCHILD-1N4150 Datasheet
26Kb / 3P
High Conductance Ultra Fast Diode
1N4454 FAIRCHILD-1N4454 Datasheet
19Kb / 2P
High Conductance Ultra Fast Diode
BAV70 FAIRCHILD-BAV70 Datasheet
24Kb / 3P
High Conductance Ultra Fast Diode
BAW56 FAIRCHILD-BAW56 Datasheet
34Kb / 2P
High Conductance Ultra Fast Diode
BAY74 FAIRCHILD-BAY74 Datasheet
32Kb / 1P
High Conductance Ultra Fast Diode
MMBD1201 FAIRCHILD-MMBD1201 Datasheet
47Kb / 4P
High Conductance Ultra Fast Diode
MMBD7000 FAIRCHILD-MMBD7000 Datasheet
34Kb / 2P
High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99 Datasheet
98Kb / 4P
HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Fairchild Semiconductor
FDH600 FAIRCHILD-FDH600_97 Datasheet
28Kb / 3P
High Conductance Ultra Fast Diode
logo
Guangdong Kexin Industr...
MMBD1201 KEXIN-MMBD1201 Datasheet
41Kb / 2P
High Conductance Ultra Fast Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com