Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB178G-CC2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BB178G-CC2-R
Description  VHF VARIABLE CAPACITANCE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BB178G-CC2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  BB178G-CC2-R Datasheet HTML 1Page - Unisonic Technologies BB178G-CC2-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BB178
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R601-032.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Continuous Reverse Voltage
VR
32
V
Peak Reverse Voltage
In series with a 10 kΩ resistor
VRM
35
V
Continuous Forward Current
IF
20
mA
Storage Temperature
TSTG
-40~+150
°C
Operating Junction Temperature
TJ
-40~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VR = 30 V
10
nA
Reverse Current
IR
VR = 30 V, TJ=85 °C
200
nA
Diode Series Resistance
rS
f = 100 MHz, VR is the value at
which Cd=30pF
0.65
0.8
Ω
VR = 1 V, f = 1 MHz
34.65
42.35 pF
Diode Capacitance
Cd
VR = 28 V, f = 1 MHz
2.361
2.754 pF
Capacitance Ratio
d(2V)
d(1V)
C
C
f = 1 MHz
1.3
Capacitance Ratio
d(28V)
d(1V)
C
C
f = 1 MHz
13.5
Capacitance Ratio
d(28V)
d(25V)
C
C
f = 1 MHz
1.08
Capacitance Matching
d
d
C
ΔC
VR = 1~28 V, in a sequence of
15 diodes (gliding)
2
%
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com