Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC858L-X-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BC858L-X-AE3-R
Description  SWITCHING AND AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC858L-X-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  BC858L-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies BC858L-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies BC858L-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies BC858L-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC856/BC857/BC858
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R206-028,E
TYPICAL CHARACTERISTICS
IB=-400uA
IB=-350uA
IB=-300uA
IB=-250uA
IB=-200uA
IB=-150uA
IB=-100uA
IB=-50uA
-0
-2
-4
-6
-8
-10 -12 -14 -16 -18 -20
-0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
-0.1
-1
-10
-100
10
100
1000
Collector Current , IC(mA)
Static Characteristic
DC Current Gain
VCE=-5V
Collector-Emitter Voltage , VCE(V)
-0.1
-1
-10
-100
-0.01
Collector Current , IC(mA)
IC=10 IB
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
VBE(SAT)
VCE(SAT)
-0.1
-1
-10
-0.2
-0.4
-0.8
-1.2
-0.1
Base-Emitter Voltage, VBE(V)
-1
-10
-100
VCE=-5V
-0.6
-1.0
Base-Emitter on Voltage
-1
-10
-100
1
10
Collector-Base Voltage, VCB(V)
f=1MHz IE=0
Collector Output Capacitance
-1
-10
10
100
Collector Current, IC (mA)
f=1MHz IE=0
Current Gain Bandwidth Product
1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com