Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT151G-8-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BT151G-8-TN3-R
Description  SCRS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BT151G-8-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  BT151G-8-TN3-R Datasheet HTML 1Page - Unisonic Technologies BT151G-8-TN3-R Datasheet HTML 2Page - Unisonic Technologies BT151G-8-TN3-R Datasheet HTML 3Page - Unisonic Technologies BT151G-8-TN3-R Datasheet HTML 4Page - Unisonic Technologies BT151G-8-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BT151
SCR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R301-017,C
TYPICAL CHARACTERISTICS
1ms
100µs
10µs
1000
T/s
10
100
10ms
ITSM/A
dIT/dt limit
Fig 2. Maximum Permissible Non-Repetitive Peak
On-State Current ITSM,Versus Pulse Width tp, for
Sinusoidal Currents, tp ≤ 10ms
IT
time
ITSM
TJ initial=25°C max
Fig 1. Maximum On-State Dissipation,
ptot, Versus Average On-State Current,
IT(AV), Where a=form factor=IT(RMS)/IT(AV)
0
15
IT(AV)/A
0
105.5
125
118.5
Ptot/W
5
10
112
Conduction
angle
degrees
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
α
4
2.8
2.2
1.9
α=1.57
12
3
4 5
6
7 8
Tmb(max)/°C
T
ITSM/A
Fig 4. Maximum Permissible Non-Repetitive
Peak On-State Current ITSM,Versus Number Of
Cycles,For Sinusoidal Currents, f=50HZ
100
Number Of Half Cycles At 50Hz
60
0
10
100
1
IT
time
ITSM
TJ initial=25°C max
120
80
40
20
1000
100
150
-50
50
0
15
5
Tmb/°C
0
10
IT(RMS)/A
Fig 3. Maximum Permissible Rms Current
lT(RMS), Versus Mounting Base
Temperature Tmb
109°C
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com