Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL-5680F Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # FL-5680F
Description  8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

FL-5680F Datasheet(HTML) 2 Page - Optoway Technology Inc

  FL-5680F Datasheet HTML 1Page - Optoway Technology Inc FL-5680F Datasheet HTML 2Page - Optoway Technology Inc FL-5680F Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Optoway
FL-5680 / PT-3610 Series
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2007 V2.0
PINOUT DESCRIPTION
MECHANCIAL DIMENSION (mm)
1) FL-5680 / PT-3610 (Panel mount ST connectors)
2)
FL-5680F / PT-3610F (Panel mount FC connectors)
PIN ASSIGNMENT
FL-5680 / FL-5680F
PT-3610 / PT-3610F
PIN
Function
PIN
Function
2
LD Anode
2
Dout
3
LD Cathode
3
GND
1, 4, 5, 6, 7,8
No Connect
5
Vcc
6
Dout Bar
1, 4, 7, 8
No Connect
Note: Specifications subject to change without notice.
ORDER INFORMATION
Transmitter
Receiver
Distance (km) Fiber Data Rate (MBd) Connector
FL-3620 / FL-3620F
PT-3610 / PT-3610F
20
SM
1 to 20
ST / FC
FL-3640 / FL-3640F
PT-3610 / PT-3610F
40
SM
1 to 20
ST / FC
FL-5660 / FL-5660F
PT-3610 / PT-3610F
60
SM
1 to 20
ST / FC
FL-5680 / FL-5680F
PT-3610 / PT-3610F
80
SM
1 to 20
ST / FC
(1.142)
TOP VIEW
(0.15)
(0.1)
FRONT VIEW
(0.327)
(0.1)
(0.05)
(0.02)
(1.142)
TOP VIEW
(0.15)
(0.1)
FRONT VIEW
(0.327)
(0.1)
(0.05)
(0.02)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com