Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NU-33B54B-R Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # NU-33B54B-R
Description  155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

NU-33B54B-R Datasheet(HTML) 1 Page - Optoway Technology Inc

  NU-33B54B-R Datasheet HTML 1Page - Optoway Technology Inc NU-33B54B-R Datasheet HTML 2Page - Optoway Technology Inc NU-33B54B-R Datasheet HTML 3Page - Optoway Technology Inc NU-33B54B-R Datasheet HTML 4Page - Optoway Technology Inc NU-33B54B-R Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
NU-33B54B-R/-P
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2004 V3.0
1
NU-33B54B-R / NU-33B54B-P / NU-33B54B-R / NU-33B54B-P
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX
3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
**********************************************************************************************************************************************************************
FEATURES
l Optical Network Unit (ONU) for ITU-T G.983.3 Class B
B-PON
l 1-Fiber Bi-directional WDM SM Transceiver
l 155 Mbps / 1310 nm Burst-Mode Transmitter
l 622 Mbps / 1490 nm Continuous-Mode Receiver with 2R
Output
l 2x5 Package with SC Receptacle: NU-33B54B-R
l 2x5 Package with SC/PC Pigtail: NU-33B54B-P
l 0 to 70oC Operating Temperature: NU-33B54B-R
l -40 to 85oC Operating Temperature: NU-33B54B-R-A
l Single +3.3 V Power Supply
l LVPECL Differential Inputs and Outputs
l LVTTL TX Shutdown Input
l LVTTL RX Loss Signal Output
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Fast Ethernet PON System
l Broadband PON System
l ATM PON System
DESCRIPTION
NU-33B54B series is optical network unit (ONU) for ITU-T
G.983.3 B-PON with 622 Mbps in downstream and 155
Mbps in upstream. The NU-33B54B series is high
performance module for Point-to-Multi-Point (M2MP)
system by using 1310 nm burst-mode transmitter and 1490
nm continuous-mode receiver. The transmitter section uses
a 1310 nm multiple quantum well laser and is a class 1 laser
compliant according to International Safety Standard IEC
60825. The receiver section uses an integrated 1490 nm /
1550 nm detector preamplifier (IDP) mounted in an optical
header and a limiting post-amplifier IC. LVPECL interface
is used for differential inputs and outputs. A LVTTL logic
interface simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
TX
RX
P/No.
Type
Speed
(Mb/s)
λ (nm)
Power
(dBm)
Type
Speed
(Mb/s)
λ (nm)
Sens.
(dBm)
Sat.
(dBm)
Temp.
(
oC)
PIN
Package
NU-33B54B-R
BM
155
1310
2 to -4
CNT, 2R
622
1490/1550
-29
-5
0 to 70
2X5
SFF Rec.
NU-33B54B-R-A
BM
155
1310
2 to -4
CNT, 2R
622
1490/1550
-29
-5
-40 to 85
2X5
SFF Rec.
NU-33B54B-P
BM
155
1310
2 to -4
CNT, 2R
622
1490/1550
-29
-5
0 to 70
2X5
SFF Pig.
NU-33B54B-P-A
BM
155
1310
2 to -4
CNT, 2R
622
1490/1550
-29
-5
-40 to 85
2X5
SFF Pig.
NOTE: 1. XX-XXXXXX-K, K=R, SC RECEPTACLE, K=P, SC/PC PIGTAIL WITH FIBER LENGTH 50 CM.
3. BM: Burst Mode; CNT: Continuous Mode; SFF: Small Form Factor Package.


Similar Part No. - NU-33B54B-R

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
NU-33B54B-R OPTOWAY-NU-33B54B-R Datasheet
118Kb / 5P
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
NU-33B54B-R-A OPTOWAY-NU-33B54B-R-A Datasheet
118Kb / 5P
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
More results

Similar Description - NU-33B54B-R

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-5840G OPTOWAY-BTR-5840G Datasheet
111Kb / 4P
1310 nm TX / 1490 nm RX , 3.3V / 155 Mbps
BTR-5920G OPTOWAY-BTR-5920G Datasheet
111Kb / 4P
1490 nm TX/ 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5820G OPTOWAY-BTRS-5820G Datasheet
108Kb / 5P
1310 nm TX / 1490 nm RX , 3.3V / 622 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-5840G OPTOWAY-BTRS-5840G Datasheet
108Kb / 5P
1310 nm TX / 1490 nm RX , 3.3V / 622 Mbps RoHS Compliant SFF Single-Fiber Transceiver
LT-54B353B-PG OPTOWAY-LT-54B353B-PG Datasheet
124Kb / 5P
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver
LT-74H73H-PG OPTOWAY-LT-74H73H-PG Datasheet
122Kb / 5P
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
NU-33B54B-R OPTOWAY-NU-33B54B-R Datasheet
118Kb / 5P
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
SPL-54B33B-G OPTOWAY-SPL-54B33B-G Datasheet
179Kb / 5P
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B SFP OLT Transceiver
BTRS-5820G OPTOWAY-BTRS-5820G_09 Datasheet
131Kb / 6P
1310 nm TX / 1490 nm RX , 3.3V / 622 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-5840G OPTOWAY-BTRS-5840G_09 Datasheet
131Kb / 6P
1310 nm TX / 1490 nm RX , 3.3V / 622 Mbps RoHS Compliant SFF Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com