Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1191L-S28-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # CXA1191L-S28-R
Description  FM/AM Radio
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CXA1191L-S28-R Datasheet(HTML) 4 Page - Unisonic Technologies

  CXA1191L-S28-R Datasheet HTML 1Page - Unisonic Technologies CXA1191L-S28-R Datasheet HTML 2Page - Unisonic Technologies CXA1191L-S28-R Datasheet HTML 3Page - Unisonic Technologies CXA1191L-S28-R Datasheet HTML 4Page - Unisonic Technologies CXA1191L-S28-R Datasheet HTML 5Page - Unisonic Technologies CXA1191L-S28-R Datasheet HTML 6Page - Unisonic Technologies CXA1191L-S28-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CXA1191
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW- R110-014.B
PIN CONFIGURATIONS(Cont.)
VOLTAGE(V)
VCC=3V
VCC=6V
PIN
DESCRIPTION
SYMBOL
FM
AM
FM
AM
EQUIVALENT CIRCUIT
6
Power supply pin
VCC
3.0
3.0
6.0
6.0
28
Power GND
GND
0
0
0
0
Note: The pin voltage of pin 6 during AM, it is the same pin voltage of pin22 (23) during J BAND and is the same pin
voltage of pin 21 (22) during W BAND.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com