Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1962G-SM2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # F1962G-SM2-R
Description  SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F1962G-SM2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  F1962G-SM2-R Datasheet HTML 1Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 2Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 3Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 4Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 5Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 6Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 7Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 8Page - Unisonic Technologies F1962G-SM2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
F1962
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R109-017,Ba
TRUTH TABLE
ST
IN
-
IN
+
CT
OUT1
OUT2
FG
HB
Mode
H
off
off
off
off
Standby
H
L
H
L
H
L
H
L
L
H
L
L
Rotating
L
H
off
off
L
Lockup protection
activated
DESIGN REFERENCE
(1) VCC pin
Power supply pin for whole IC.
(2) OUT1, OUT2 pins
Single-phase coil output pins.
Bipolar forward or reverse drive output determined by OUT1 or OUT2 high. Built-in regenerative circuit that
regenerates kickback current between lower side NPN outputs if a diode is used for protection against reverse
connection.
(3) IN
–, IN+ pins
Hall signal input pins
The Hall signal is amplified into a square wave by the Hall amplifier with hysteresis characteristics of ±3.5 mV
(typ.). The Hall signal amplitude should be 70 mV or more.
(4) CT pin
This pin serves timing capacitor connecting pin between CT and GND.
The capacitor determines timing of the built-in lockup protection circuit for preventing coil burnout when motor is
locked. Once normal motor rotating condition is restored, the automatic recovery circuit will reset itself.
Adjusting the capacitance alters the lockup detection time.
When a 0.47 mF capacitor is connected between CT and GND
Lockup detection time
:approx. 0.5s
Lockup protection time/automatic recovery time
:approx. 0.16s (output ON)
:approx. 1s (output OFF)
Connecting this pin to ground when lockup function is not used
(6) FG pin
Open-collector output pin for rotation frequency detection.
When IN
– = High and IN+ = Low, then FG = Low
When IN
– = Low and IN+ = High, then FG = High
(7) ST pin and HB pin
ST pin: When input to this pin is High, motor drive is stopped (OUT is high impedance).
HB pin: Hall bias switching pin. At ST pin High input, Hall bias is switched to reduce current drain in fan standby
mode.
If not used, both pins should be open.
(8) Thermal protection circuit
When junction temperature TJ of IC is or over about 150℃, output current limiter is activated to protect against
damage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com