Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6908L-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # F6908L-S08-R
Description  SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F6908L-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  F6908L-S08-R Datasheet HTML 1Page - Unisonic Technologies F6908L-S08-R Datasheet HTML 2Page - Unisonic Technologies F6908L-S08-R Datasheet HTML 3Page - Unisonic Technologies F6908L-S08-R Datasheet HTML 4Page - Unisonic Technologies F6908L-S08-R Datasheet HTML 5Page - Unisonic Technologies F6908L-S08-R Datasheet HTML 6Page - Unisonic Technologies F6908L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
F6908
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R109-016.D
CAUTIONS
(1) Power dissipation
IC power dissipation varies widely with supply voltage, output current and application of IC. Please pay attention
not to exceed the allowable power rating.
(2) Hall signal input terminals (H+, H-)
VCC
VCC-2V
1/2 VCC
GND
Fig.2 Hall amp input bias voltage range
A. Hall signal amplitude should be key within range 0V ~ VCC-2V.
B. The output signal of this IC is the amplified by about 500 times of hall input signal coith pattern shown below for
different leuel ok signal input.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com