Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF2140 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # GF2140
Description  LOW POWER TWO-WIRE GROUND FAULT INTERRUPTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

GF2140 Datasheet(HTML) 1 Page - Unisonic Technologies

  GF2140 Datasheet HTML 1Page - Unisonic Technologies GF2140 Datasheet HTML 2Page - Unisonic Technologies GF2140 Datasheet HTML 3Page - Unisonic Technologies GF2140 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
GF2140
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R121-016.B
LOW POWER TWO-WIRE
GROUND FAULT INTERRUPTER
DESCRIPTION
As a low power controller for AC output appliance leakage
current interrupters, the UTC GF2140 can detect hazardous current
paths to ground, and trigger SCR to protect.
FEATURES
* Directly powered from the AC line
* Build-in bridge rectifer
* Interface to SCR
* Adjustable trip current and time delay
* Minimum external components
* For two-wire system
* Be used in 110V or 220V system
SOP-8
Lead-free:
GF2140L
Halogen-free: GF2140G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
GF2140-S08-R
GF2140L-S08-R
GF2140G-S08-R
SOP-8
Tape Reel
GF2140-S08-T
GF2140L-S08-T
GF2140G-S08-T
SOP-8
Tube


Similar Part No. - GF2140

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
GF2140G-S08-R UTC-GF2140G-S08-R Datasheet
210Kb / 4P
LOW POWER TWO-WIRE GROUND FAULT INTERRUPTER
GF2140 UTC-GF2140_15 Datasheet
210Kb / 4P
LOW POWER TWO-WIRE GROUND FAULT INTERRUPTER
More results

Similar Description - GF2140

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4140A FAIRCHILD-RV4140A Datasheet
64Kb / 12P
Low Power Two-Wire Ground Fault Interrupter Controller
RV4141A FAIRCHILD-RV4141A Datasheet
345Kb / 8P
Low Power Ground Fault Interrupter
RV4145A FAIRCHILD-RV4145A Datasheet
367Kb / 11P
Low Power Ground Fault Interrupter
RV4145A FAIRCHILD-RV4145A_04 Datasheet
85Kb / 10P
Low Power Ground Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A Datasheet
267Kb / 7P
Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_11 Datasheet
503Kb / 9P
Low-Power, Ground-Fault Interrupter
logo
Unisonic Technologies
GF2140 UTC-GF2140_15 Datasheet
210Kb / 4P
LOW POWER TWO-WIRE GROUND FAULT INTERRUPTER
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A_16 Datasheet
440Kb / 7P
Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4140A FAIRCHILD-RV4140A_04 Datasheet
65Kb / 12P
Low Power Two-Wire Ground Fault Interrupter Controller
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
Low Power Ground Fault Interrupter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com