Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF2140-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # GF2140-S08-R
Description  LOW POWER TWO-WIRE GROUND FAULT INTERRUPTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

GF2140-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  GF2140-S08-R Datasheet HTML 1Page - Unisonic Technologies GF2140-S08-R Datasheet HTML 2Page - Unisonic Technologies GF2140-S08-R Datasheet HTML 3Page - Unisonic Technologies GF2140-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GF2140
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R121-016.B
ELECTRICAL CHARACTERISTICS (ILINE=1.2mA, TA=25℃,RSET=290kΩ)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Shunt Regulator (PIN 5-4)
I2-3=11μA
6.1
6.5
7.5
Regulator Voltage
VREG
ILINE=700μA, I2-3=9μA
6.1
6.5
7.5
V
Sense Amplifier (PIN 2-3)
Offset Voltage
VI(OFF)
Design Value
-3.0
0
+3.0
mV
Input Bias Current
II(BIAS)
Design Value
15
30
nA
Gain Bandwidth
fT
Design Value
3.44
MHZ
SCR Trigger (PIN 7-6)
I2-3=9μA
0
0.1
10
mV
Output Voltage
VOUT
I2-3=11μA
1.4
2.0
2.6
V
Output Current
IOUT
V7-6=0V, I2-3=11μA
300
420
600
μA
Output Resistance
ZO
V5-6=open, I2-3=0
4.0
4.7
5.4
KΩ
Reference Voltage (PIN 3-4)
Reference Voltage
VREF
ILINE=700μA
2.6
2.9
3.4
V
Delay Time (PIN 8-4)
Delay Current
ID
I2-3=11μA
23
30
43
μA
Delay Time
tD
C8-4=20nF
2.0
ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com