Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6908G-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # F6908G-SH2-R
Description  SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F6908G-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  F6908G-SH2-R Datasheet HTML 1Page - Unisonic Technologies F6908G-SH2-R Datasheet HTML 2Page - Unisonic Technologies F6908G-SH2-R Datasheet HTML 3Page - Unisonic Technologies F6908G-SH2-R Datasheet HTML 4Page - Unisonic Technologies F6908G-SH2-R Datasheet HTML 5Page - Unisonic Technologies F6908G-SH2-R Datasheet HTML 6Page - Unisonic Technologies F6908G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
F6908
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R109-016.D
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
15
V
Output Voltage
VOUT
15
V
Hall Signal Output Voltage
VHO
15
V
Output Current
IOUT
0.7(Note 2)
A
Hall Signal Output Current
IHO
15
mA
Power Dissipation
PD
687 (Note 3)
mW
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-20 ~ +100
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. This value is not to be over PD and ASO.
3. To use at temperature above Ta = 25°C reduce 5.5 mW/°C.(On 70.0mm×70.0mm×1.6mm glass epoxy
board)
RECOMMENDED OPERATING CONDITIONS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
3 ~ 14
V
ELECTRICAL CHARACTERISTICS (Ta = 25°C, VCC = 5V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Clamp Voltage of Capacitor for Lock
Detection
VLDCL
1.14 1.80 2.47
V
Reference Voltage of Capacitor for Lock
Detection
VLDCP
0.47 0.76 1.06
V
Output Voltage L
VOL
IOUT=200mA
0.2
0.3
V
Output Voltage H
VOH
IOUT=200mA
3.9
4.1
V
“HO” Terminal Voltage L
VHOL
IHO=5mA
0.3
0.5
V
Supply Current
Icc
At output: OFF
1.5
3.4
8.7
mA
Charge Current of Capacitor for Lock
Detection
ILDC
VLD=1.1V
1.50 2.75 4.50
μA
Discharge Current of Capacitor for Lock
Detection
ILDD
VLD=1.1V
0.24 0.48 0.90
μA
“HO” Terminal Leak Current
IHOL
VHO=15V
0
50
μA
Charge-Discharge Current Ratio of
Capacitor for Lock Detection
RCD
rCD=ILDC/ILDD
4.2
5.7
9.5
Hall Input Offset Voltage
HOFS
-10
10
mV
Hall Input-Output Gain
GHO
320
500
680
Thermal Shutdown
150
°C
TSD Hysteresis
TSD
25
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com