Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA8602-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # KA8602-S08-R
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

KA8602-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  KA8602-S08-R Datasheet HTML 1Page - Unisonic Technologies KA8602-S08-R Datasheet HTML 2Page - Unisonic Technologies KA8602-S08-R Datasheet HTML 3Page - Unisonic Technologies KA8602-S08-R Datasheet HTML 4Page - Unisonic Technologies KA8602-S08-R Datasheet HTML 5Page - Unisonic Technologies KA8602-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KA8602
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R107-043.Ca
PIN CONFIGURATIONS
PIN
NAME
DESCRIPTION
1
Input(+)
Analog Ground for the amplifiers. A 1
μF capacitor at this pin (with a 5μF capacitor at pin 8)
provides 52dB (typ) of power supply rejection. Turn-on time of the circuit is affected by the
capacitor on this pin. This pin can be used as an alternative input.
2
Input(-)
Amplifier input. The input capacitor and resistor set low frequency roll-off and input impedance.
The feedback resistor is connected between this pin and output 1.
3
Output 1
Amplifier 1’s output. The DC level is about (Vcc~0.7V)/2.
4
Vcc
DC supply voltage is applied to this pin (Vcc=2~16V).
5
GND
Ground pin.
6
Output 2
Amplifier 2’s output. This signal is equal in amplitude, but 180° out of phase with that output 1, the
DC level is about (Vcc~0.7V)/2.
7
Mute
This pin can be used to power down the IC to converse power, or for muting, or both. When at a
logic “LOW” (less than 0.8V), the IC is enabled for normal operation. When at a logic “HIGH” (2V
to Vcc), the IC is disabled. If Mute is open, that is equivalent to a logic “LOW”.
8
Ripple
Rejection
A capacitor at this pin increase power supply rejection, and affects turn-on time. This pin can be
left open if the capacitor at pin 1 is sufficient.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com