Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1913 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # L1913
Description  150mA LOW-DROPOUT LINEAR REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1913 Datasheet(HTML) 8 Page - Unisonic Technologies

  L1913 Datasheet HTML 1Page - Unisonic Technologies L1913 Datasheet HTML 2Page - Unisonic Technologies L1913 Datasheet HTML 3Page - Unisonic Technologies L1913 Datasheet HTML 4Page - Unisonic Technologies L1913 Datasheet HTML 5Page - Unisonic Technologies L1913 Datasheet HTML 6Page - Unisonic Technologies L1913 Datasheet HTML 7Page - Unisonic Technologies L1913 Datasheet HTML 8Page - Unisonic Technologies L1913 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
L1913
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-439.a
APPLICATIONS INFORMATION
Capacitor Selection and Regulator Stability
A 1µF capacitor on the input and a 1µF capacitor on the output are recommended for most applications of the U
TC L1913. To get a better supply-noise rejection and transient response, input capacitors with larger values and
lower ESR are needed. A higher-value input capacitor (10µF) may be necessary if large, fast transients are
anticipated and the device is located several inches from the power source.
Power-Supply Rejection and Operation from Sources Other than Batteries
The UTC L1913 is particularly designed to deliver low dropout voltages and low quiescent currents in battery-
powered systems. Power-supply rejection is 42dB at low frequencies. As the frequency increases above 20kHz, the
output capacitor is the major contributor to the rejection of power-supply noise.
When operating from sources other than batteries, improve supply-noise rejection and transient response by
increasing the values of the input and output capacitors, and using passive filtering techniques.
Input-Output (Dropout) Voltage
A regulator's minimum input-output voltage differential (or dropout voltage) determines the lowest usable supply
voltage. In battery-powered systems, this will determine the useful end-of-life battery voltage. Because the UTC
L1913
use a P-channel MOSFET pass transistor, their dropout voltage is a function of RDS(ON) multiplied by the load
current.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com