Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1913G-XX-AF5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L1913G-XX-AF5-R
Description  150mA LOW-DROPOUT LINEAR REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1913G-XX-AF5-R Datasheet(HTML) 6 Page - Unisonic Technologies

  L1913G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
L1913
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R502-439.a
APPLICATION INFORMATION
The UTC L1913 contains an error amplifier, 1.25V bandgap reference, PMOS output transistor, internal feedback
voltage divider, mode comparator, shutdown logic, over current protection circuit, and over temperature protection
circuit as shown in the block diagram.
The process of operation is like this: the mode comparator compares the voltage of SET pin with a pre-set voltage
reference of 0.12 V. If the voltage of SET pin is smaller than 0.12 V, the internal feedback voltage divider’s central
tap is connected to the error amplifier’s non-inverting input. Then, the error amplifier compares non-inverting input
with the 1.25V bandgap voltage reference. If the feedback voltage is larger than the voltage reference 1.25V, the
error amplifier’s output becomes higher. This makes the PMOS output transistor’s VGS (gate-to-source voltage)
smaller, in that condition, the current carrying capability of the PMOS output transistor is reduced, as a result the
output voltage decreases until the feedback voltage becomes equal to 1.25V. Similarly, when the feedback voltage is
less than 1.25V, the error amplifier causes the output PMOS to conductor more current to pull the feedback voltage
up to 1.25V. Thus, through this feedback action, the error amplifier, output PMOS, and the voltage dividers
effectively form a unity-gain amplifier with the feedback voltage force to be the same as the 1.25V bandgap
reference.
The output voltage, VOUT, can be calculated as follows:
VOUT = 1.25 (1 + R1/R2).
(1)
Alternatively, the relationship between R1 and R2 is expressed in the following:
R1 = R2 (VOUT /1.25 - 1).
(2)
In order to reduce power dissipation and loop stability, it is recommended that R2 is 100KΩ. For UTC L1913
(pre-set VOUT is 3.30V), R1 is 164K.
In Figure 2, the SET pin voltage will be larger than 120mV when external voltage divider functions in the operation.
The non-inverting input of the amplifier will be connected to the external voltage divider. The conditions of equations
1 and 2 are still true since the operation of the feedback loop is the same. Equation 1 still presents the output
voltage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com