Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1186G-XX-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L1186G-XX-AF5-R
Description  600mA CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1186G-XX-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L1186G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies L1186G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies L1186G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies L1186G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies L1186G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies L1186G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies L1186G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L1186
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-319.d
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
8
V
Output Voltage
VOUT
GND-0.3 ~ VIN+0.3
V
Output Current
IOUT
OUT
IN
D
V
-
V
P
A
SOT-25
400
Power Dissipation
SOP-8
PD
600
mW
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-25
260
Junction to Ambient
SOP-8
θJA
200
°C/W
SOT-25
81
Junction to Case (Note)
SOP-8
θJC
65
°C/W
Note: θJC on center of molding compound if IC has on tab
ELECTRICAL CHARACTERISTICS (Ta = 25°C, unless otherwise noted.)
Fixed Voltage
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Input Voltage
VIN
Note1
7
V
Output Voltage Accuracy
VOUT
IOUT=1mA
-1.5
1.5
%
1.4V<VOUT≤2.0V
-0.15
0.15
%
Line Regulation
OUT
OUT
V
V
Δ
IOUT=1mA
VIN=VOUT+1~VOUT+2 2.0V<VOUT<4.0V
-0.1
0.02
0.1
%
Load Regulation
OUT
OUT
V
V
Δ
IOUT=1mA~600 mA
0.2
1
%
Output Current
IOUT
VOUT>1.2V
600
mA
Current Limit
ILIMIT
VOUT>1.2V
600
800
mA
Short Circuit Current
ISC
VOUT<0.8V
300
600
mA
Quiescent Current
IQ
IOUT=0mA
30
50
μA
Ground Pin Current
IGND
IOUT=1mA~600mA
35
μA
1.4V<VO(NOM)≤2.0V
1400
mV
Dropout Voltage
VD
IOUT =600mA
VOUT=VO(NOM)-2.0% 2.0V<VO(NOM)≤2.8V
800
mV
Over Temperature Shutdown
OTS
150
°C
Over Temperature Hysteresis
OTH
30
°C
Temperature Coefficient of
Output Voltage
TCVO
30
ppm/°C
f=1kHz
75
dB
f=10kHz
55
dB
Power Supply Rejection
PSRR
IOUT =100mA
COUT=2.2μF ceramic
CBYP=0.01μF
f=100kHz
30
dB
Output Voltage Noise
eN
f=10Hz~100kHz, IOUT =10mA
COUT=2.2μF , CBYP=0.1μF
30
μVrms
VEH
VIN=2.7V~7V
2.0
VIN
V
EN Input Threshold
VEL
VIN=2.7V~7V
0
0.4
V
IEH
VEN=VIN, VIN=2.7V~7V
0.1
μA
EN Input Bias Current
IEL
VEN=0V, VIN=2.7V~7V
0.5
μA
Shutdown Supply Current
ISD
VIN=5V, VOUT =0V, VEN<VEL
0.5
1
μA
PG Leakage Current
ILC
VPG=7V
1
μA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com