Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5100G-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L5100G-AF5-R
Description  WHITE LED STEP-UP CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5100G-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L5100G-AF5-R Datasheet HTML 1Page - Unisonic Technologies L5100G-AF5-R Datasheet HTML 2Page - Unisonic Technologies L5100G-AF5-R Datasheet HTML 3Page - Unisonic Technologies L5100G-AF5-R Datasheet HTML 4Page - Unisonic Technologies L5100G-AF5-R Datasheet HTML 5Page - Unisonic Technologies L5100G-AF5-R Datasheet HTML 6Page - Unisonic Technologies L5100G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L5100
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R103-024.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
12
V
Switch Voltage
VSW
36
V
Feedback Voltage
VFB
12
V
Shutdown Voltage
SHDN
V
12
V
Junction Temperature
TJ
+125
°C
Operating Junction Temperature
TJ
-40~+85
°C
Storage Temperature Range
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (in free air)
θJA
256
°C/W
ELECTRICAL CHARACTERISTICS (Ta=25°C, VIN=3V, SHDN
V
=3V, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VIN
2.5
12
V
Feedback Voltage
VFB
ISW=100mA, Duty Cycle=66%
87
95
104
mV
Shutdown Voltage ON
VON
1.5
V
Shutdown Voltage OFF
VOFF
0.3
V
Switch VCESAT
VCESAT(SW)
ISW=250mA
360
mV
Switch Current Limit
ISW
320
mA
1.8
2.5
mA
Supply current
ICC
SHDN =0V
0.1
1.0
µA
Switch Leakage Current
ISW(OFF)
VSW=5V
0.01
5
µA
Shutdown Pin Bias Current
SHDN
I
60
µA
Feedback Pin Bias Current
IFB
10
45
100
nA
Switching Frequency
fOSC
0.8
1.2
1.6
MHz
Maximum Duty Cycle
DC
85
90
%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com