Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5201-AD-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L5201-AD-SM1-R
Description  LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5201-AD-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L5201-AD-SM1-R Datasheet HTML 1Page - Unisonic Technologies L5201-AD-SM1-R Datasheet HTML 2Page - Unisonic Technologies L5201-AD-SM1-R Datasheet HTML 3Page - Unisonic Technologies L5201-AD-SM1-R Datasheet HTML 4Page - Unisonic Technologies L5201-AD-SM1-R Datasheet HTML 5Page - Unisonic Technologies L5201-AD-SM1-R Datasheet HTML 6Page - Unisonic Technologies L5201-AD-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L5201
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-107,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage(to GND)
VIN
-0.3 ~ 6
V
Charge Pump Voltage(to GND)
VOUT
-0.3 ~ 5.5
V
Shutdown Voltage(to GND)
V
SHDN
-0.3 ~ (VIN+0.3)
V
Maximum DC Output Current (Note 1)
IOUT
150
mA
VOUT Short-Circuit Duration
Indefinite
Operating Temperature
TOPR
-40 ~ +85
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note: 1. Based on long-term current density limitations.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(VCC=VSHDN = 3V, Ta=25°C, CFLY=1µF, CIN=10µF, COUT=10µF, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
VOUT=5.0V
2.7
VOUT
V
No Switching Supply Current
IQ
2.7V<VIN<5V, IOUT=0mA,
SHDN=VIN, VOUT=5.5V
90
140
µA
2.7V<VIN<5V, IOUT≤ 50mA
L5201-4.5V
3.0V<VIN<5V, IOUT≤ 100mA
4.32
4.5
4.68
2.7V<VIN<5V, IOUT ≤ 40mA
Output Voltage
L5201-5.0V
VOUT
3.0V<VIN<5V, IOUT≤ 90mA
4.8
5
5.2
V
High
VIH
1.4
V
SHDN Input Threshold
Low
VIL
0.3
V
Feedback Voltage (For L5201-ADJ)
VFB
1.217
1.268
1.319
V
VIN = 3V, IOUT = 50mA
25
Ripple Voltage (For L5201-Fixed)
VR
VIN = 3V, IOUT = 90mA
25
mVP-P
Shutdown Supply Current
ISHDN
2.7V<VIN<5V, IOUT=0mA,
VSHDN = 0
1
µA
Feedback Input Current (For L5201-ADJ)
IFB
VFB=1.4V
-50
50
nA
VIN = 2.7V, IOUT = 40mA
88
Efficiency (For L5201-Fixed)
η
VIN = 3V, IOUT = 90mA
80
%
Frequency
FOSC
Oscillator Free Running
0.7
1
1.3
MHz
VOUT Turn-on time
tON
VIN = 3V, IOUT = 0mA
0.35
ms
Short-Circuit Current
ISC
VIN = 3V, VOUT = GND,
SHDN = 3V
340
mA
Thermal Shutdown Temperature
TSD
150
℃
Thermal Shutdown Hysteresis
30
℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com