Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8312G-R16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L8312G-R16-R
Description  DUAL POLARIZATION AND TONE SWITCH CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8312G-R16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L8312G-R16-R Datasheet HTML 1Page - Unisonic Technologies L8312G-R16-R Datasheet HTML 2Page - Unisonic Technologies L8312G-R16-R Datasheet HTML 3Page - Unisonic Technologies L8312G-R16-R Datasheet HTML 4Page - Unisonic Technologies L8312G-R16-R Datasheet HTML 5Page - Unisonic Technologies L8312G-R16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L8312
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R123-016.a
DUAL POLARIZATION AND
TONE SWITCH CONTROLLER
DESCRIPTION
The UTC L8312 is specially designed integrated circuit for
control satellite receiver front-end block switch and provides
customers with dual independent channel of two-control signal:
polarization and tone switch controller for LNB switch signal path
selection.
The UTC L8312 is characterized by its two independent
channels and each provides logical outputs to show status of LNB
switch polarization selection and 22 KHz tone signal.
Minimum number of external discrete components and the wide
range of supply voltage make this device suitable in Twin, Quad and
multiple feed universal LNB switch to get lower cost and minimum
PCB size.
In order to satisfy the special LNB switch model, a tighter
specification has been taken into consideration for the polarization
switch characteristics. The number of external components is also
reduced. The UTC L8312 includes separate 22K tone detection for
each channel. In addition, the built-in tone amplifier circuit is
designed to protect transient signal by an external resistor and
capacitor simply, and it also provides good bandwidth and
sensitivity.
The UTC L8312 is generally applied in multi output LNB and
multi switch.
FEATURES
* Direct Drive PIN Diode and Multiplexer IC.
* High Supply Voltage
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
L8312L-R16-R
L8312G-R16-R
SSOP-16
Tape Reel


Similar Part No. - L8312G-R16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8312G-R16-R UTC-L8312G-R16-R Datasheet
171Kb / 6P
DUAL POLARIZATION AND TONE SWITCH CONTROLLER
More results

Similar Description - L8312G-R16-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLNB2001 ZETEX-ZLNB2001 Datasheet
168Kb / 12P
DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2012 ZETEX-ZLNB2012 Datasheet
97Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZLNB2006 ZETEX-ZLNB2006 Datasheet
120Kb / 11P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2013 ZETEX-ZLNB2013 Datasheet
165Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Diodes Incorporated
ZLNB2001 DIODES-ZLNB2001 Datasheet
158Kb / 12P
DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
NOVEMBER 1998
ZLNB2006 DIODES-ZLNB2006 Datasheet
126Kb / 11P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
APRIL 2002
ZLNB2012 DIODES-ZLNB2012 Datasheet
110Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
OCTOBER 2001
ZLNB2013 DIODES-ZLNB2013 Datasheet
179Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
AUGUST 2005
logo
Unisonic Technologies
L8312 UTC-L8312_15 Datasheet
171Kb / 6P
DUAL POLARIZATION AND TONE SWITCH CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com