Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2985L-XX-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LD2985L-XX-AF5-R
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD2985L-XX-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LD2985L-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LD2985L-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LD2985L-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LD2985L-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LD2985L-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LD2985L-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies LD2985L-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies LD2985L-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies LD2985L-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LD2985
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 23
www.unisonic.com.tw
QW-R102-024.G
MARKING INFORMATION
PART NO.
VOLTAGE
VOLTAGE CODE
MARKING
LD2985-1.5V
1.5V
A5
LD2985-1.8V
1.8V
A8
LD2985-2.5V
2.5V
B5
LD2985-2.8V
2.8V
B8
LD2985-2.85V
2.85V
BJ
LD2985-3.0V
3.0V
C0
LD2985-3.1V
3.1V
C1
LD2985-3.2V
3.2V
C2
LD2985-3.3V
3.3V
C3
LD2985-3.5V
3.5V
C5
LD2985-3.6V
3.6V
C6
LD2985-3.8V
3.8V
C8
LD2985-4.0V
4.0V
D0
LD2985-4.7V
4.7V
D7
LD2985-5.0V
5.0V
E0
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
IN
Input port
2
GND
Ground pin
3
INHIBIT
Control switches ON/OFF. Inhibit is not internally pulled-up; it cannot be left floating.
Disable the device when connected to GND or to a positive voltage less than 0.18V
4
Bypass
Bypass pin: Capacitor to be connected to GND in order to improve the thermal noise
performances.
5
OUT
Output port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com