Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFC20N80P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFC20N80P
Description  PolarHV HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC20N80P Datasheet(HTML) 4 Page - IXYS Corporation

  IXFC20N80P Datasheet HTML 1Page - IXYS Corporation IXFC20N80P Datasheet HTML 2Page - IXYS Corporation IXFC20N80P Datasheet HTML 3Page - IXYS Corporation IXFC20N80P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFC 20N80P
IXFR 20N80P
Fig. 11. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V D S - V olts
C iss
C oss
C rss
f = 1MH z
Fig. 10. Gate Char ge
0
1
2
3
4
5
6
7
8
9
10
0
10
203040
506070
8090
Q G - nanoCoulombs
VDS = 400V
ID = 10A
IG = 10m A
Fig. 7. Input Adm ittance
0
4
8
12
16
20
24
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
5.75
V G S - V olts
TJ = 125º C
25
º C
-40
º C
Fig. 8. Tr ans conductance
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
I D - A mperes
TJ = -40º C
25
º C
125
º C
Fig. 9. Sour ce Cur r e nt vs .
Sour ce -To-Dr ain V oltage
0
10
20
30
40
50
60
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
V S D - V olts
TJ = 125º C
TJ = 25º C
Fig. 12. M axim um Tr ans ie nt The r m al
Re s is tance
0.01
0.10
1.00
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
IXYS REF: F_20N80P (7J) 8-23-06B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com