Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4862L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM4862L-S08-R
Description  AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4862L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LM4862L-S08-R Datasheet HTML 1Page - Unisonic Technologies LM4862L-S08-R Datasheet HTML 2Page - Unisonic Technologies LM4862L-S08-R Datasheet HTML 3Page - Unisonic Technologies LM4862L-S08-R Datasheet HTML 4Page - Unisonic Technologies LM4862L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LM4862
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-314.b
ABSOLUTE MAXIMUM RATING (Ta=25°С unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
6.0
V
Input Voltage
VIN
-0.3 ~ +(0.3+VDD)
V
DIP-8
500
mW
Power Dissipation
SOP-8
PD
300
mW
Infrared (15 sec.)
220
°С
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VCC=5V, f=1kHz, Ta=25°С unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Supply Voltage
VDD
2.0
5.5
V
Output Offset Voltage
VOS
VIN=0V
5.0
50
mV
Quiescent Power Supply Current
IDD
VIN=0V, IO=0A
6.5
12.0
mA
Shutdown Current
ISD
VPIN1=VDD
0.6
µA
THD=1%, f=1kHz, RL=8Ω
500
mW
Output Power
PO
THD=10%, f=1kHz, RL=8Ω
800
mW
Total Harmonic Distortion
THD
f=1kHz, RL=8Ω, Po = 500mW
0.5
%
Power Supply Rejection Ratio
PSRR
VCC=4.9V ~ 5.1V
60
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com