Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFE73N30Q Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFE73N30Q
Description  HiPerFET Power MOSFETs Q-Class
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFE73N30Q Datasheet(HTML) 2 Page - IXYS Corporation

  IXFE73N30Q Datasheet HTML 1Page - IXYS Corporation IXFE73N30Q Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS
= 10 V; I
D = IT, Note2
30
47
S
C
iss
6400
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
1340
pF
C
rss
340
pF
t
d(on)
37
n s
t
r
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = IT
36
n s
t
d(off)
R
G = 1.0 Ω (External),
82
n s
t
f
12
n s
Q
g(on)
190
nC
Q
gs
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = IT
51
nC
Q
gd
78
nC
R
thJC
0.31
K/W
R
thCK
0.07
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS
= 0 V
73
A
I
SM
Repetitive; pulse width limited by T
JM
292
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
t
rr
250
n s
Q
RM
I
F = 25A, -di/dt = 100 A/µs, VR = 100 V
0.8
µC
I
RM
7A
ISOPLUS-227 B
IXFE 73N30Q
Notes: 1. Pulse width limited by T
JM.
2. Pulse test, t
≤ 300 ms, duty cycle d ≤ 2%.
3. I
T Test current: IT = 36.5 A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com