Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-439 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-439
Description  GaAs High Isolation Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-439 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-439 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-439 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-439 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs High Isolation Switch
DC - 3.0 GHz
Rev. V4
SW-439
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Power Consumption: < 15 µA @ +2.5V
• High Isolation: 50 dB Typical @ 2 GHz
• Low Insertion Loss: 0.7 dB @ 2 GHz
• Positive 2.5 to 5 V Control
• Low Cost Plastic MSOP-10 Package
Description
The SW-439 is a GaAs MMIC SPDT switch in a low
cost
MSOP-10
surface
mount
plastic
package. This part is ideal for high isolation,
broadband
switching
requirements.
Typical
applications include synthesizer switching, transmit/
receive switching, switch matrices and filter banks in
systems such as radio and cellular equipment, PCM,
GPS, and fiber optic modules.
The SW-439 is fabricated as a monolithic GaAs
MMIC using a 0.5 micron pHEMT process.
The
process features full passivation.
Functional Schematic
4
4. For improved performance at frequencies below 500 MHz,
use larger value capacitors.
Pin 1
Pin 10
C = 39 pF
C = 39 pF
C = 39 pF
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Control 1
6
RF Port 2
2
Ground
7
Ground
3
RF Input
8
Ground
4
Ground
9
Ground
5
Control 2
10
RF Port 1
Ordering Information
1
Part Number
Package
SW-439
Bulk Packaging
SW-439TR
1000 piece reel
SW-439SMB
Sample Board
1. Reference Application Note M513 for reel size information.
Control V1
Control V2
RFC - RF1
RFC - RF2
0
1
Off
On
1
0
On
Off
Truth Table
5,6
5. External DC blocking capacitors are required on all RF ports.
6. “0” = 0 + 0.2 Vdc, “1” = +2.5 to +5 Vdc
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
+30 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.


Similar Part No. - SW-439

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-439 MACOM-SW-439 Datasheet
99Kb / 2P
GaAs High Isolation Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-439 MA-COM-SW-439 Datasheet
77Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
SW-439 MA-COM-SW-439 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-439PIN MACOM-SW-439PIN Datasheet
99Kb / 2P
GaAs High Isolation Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-439SMB MA-COM-SW-439SMB Datasheet
77Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
More results

Similar Description - SW-439

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-394 MACOM-SW-394 Datasheet
36Kb / 2P
GaAs SPDT High Isolation Terminated Switch
SW-439 MACOM-SW-439 Datasheet
99Kb / 2P
GaAs High Isolation Switch DC - 3.0 GHz
MASWSS0169 MACOM-MASWSS0169 Datasheet
180Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0169 MA-COM-MASWSS0169 Datasheet
78Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
SW-439 MA-COM-SW-439 Datasheet
77Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
MASWSS0169_V3 MA-COM-MASWSS0169_V3 Datasheet
101Kb / 3P
GaAs High Isolation Switch
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch
MASWSS0169-V3 MA-COM-MASWSS0169-V3 Datasheet
101Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
MASWSS0148 MA-COM-MASWSS0148_15 Datasheet
624Kb / 5P
GaAs SPST High Isolation Terminated Switch
MASWSS0169 MA-COM-MASWSS0169_15 Datasheet
573Kb / 4P
GaAs High Isolation Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com