Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFT36N60P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFT36N60P
Description  PolarHV HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT36N60P Datasheet(HTML) 3 Page - IXYS Corporation

  IXFT36N60P Datasheet HTML 1Page - IXYS Corporation IXFT36N60P Datasheet HTML 2Page - IXYS Corporation IXFT36N60P Datasheet HTML 3Page - IXYS Corporation IXFT36N60P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2006 IXYS All rights reserved
Fig. 2. Extended Output Characteristics
@ 25
ºC
0
10
20
30
40
50
60
70
80
90
0
3
6
9
12
15
18
21
24
27
30
VD S - Volts
VGS = 10V
8V
5V
6V
7V
Fig. 3. Output Characteristics
@ 125
ºC
0
4
8
12
16
20
24
28
32
36
0
2
4
6
8
10
12
14
16
VD S - Volts
VGS = 10V
7V
5V
6V
Fig. 1. Output Characteristics
@ 25
ºC
0
4
8
12
16
20
24
28
32
36
01
23
45
6
7
VD S - Volts
VGS = 10V
7V
5V
6V
Fig. 4. RDS(on) Normalized to 0.5 ID25
Value vs. Junction Tem perature
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
-50
-25
0
255075
100
125
150
TJ - Degrees Centigrade
ID = 36A
ID = 18A
VGS = 10V
Fig. 6. Drain Current vs. Case
Tem perature
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 5. RDS(on) Normalized to
0.5 ID25 Value vs. ID
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
0
102030405060
70
80
90
I D - Amperes
TJ = 125ºC
TJ = 25ºC
VGS = 10V
IXFH 36N60P IXFK 36N60P
IXFT 36N60P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com