Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFT60N20 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFT60N20
Description  HiPerFET Power MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT60N20 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFT60N20 Datasheet HTML 1Page - IXYS Corporation IXFT60N20 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFH 60N20
IXFT 60N20
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS
= 10 V; I
D = 0.5 • ID25, pulse test
30
40
S
C
iss
5200
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
880
pF
C
rss
260
pF
t
d(on)
38
n s
t
r
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
63
n s
t
d(off)
R
G = 2.5 Ω (External),
85
n s
t
f
26
n s
Q
g(on)
155
nC
Q
gs
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
38
nC
Q
gd
55
nC
R
thJC
0.42
K/W
R
thCK
(TO-247)
0.25
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS
= 0 V
60
A
I
SM
Repetitive; pulse width limited by T
JM
240
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
t
rr
250
n s
Q
RM
I
F = 25A, -di/dt = 100 A/µs, VR = 50 V
0.7
µC
I
RM
8A
TO-268 Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205
0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P3.55
3.65
.140
.144
Q
5.89
6.40
0.232
0.252
R
4.32
5.49
.170
.216
S
6.15
BSC
242
BSC
Terminals:
1 - Gate
2 - Drain
3 - Source
Tab - Drain
1
2
3
TO-247 AD (IXFH) Outline
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com