Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFV52N30PS Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFV52N30PS
Description  PolarHT Power MOSFET HiPerFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFV52N30PS Datasheet(HTML) 4 Page - IXYS Corporation

  IXFV52N30PS Datasheet HTML 1Page - IXYS Corporation IXFV52N30PS Datasheet HTML 2Page - IXYS Corporation IXFV52N30PS Datasheet HTML 3Page - IXYS Corporation IXFV52N30PS Datasheet HTML 4Page - IXYS Corporation IXFV52N30PS Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFH52N30P IXFV52N30P
IXFV52N30PS
Fig. 11. Capacitance
100
1000
10000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
1020
30
405060
70
8090
10
0
11
0
12
0
Q G - nanoCoulombs
VDS = 150V
ID = 26A
IG = 10m A
Fig. 7. Input Admittance
0
10
20
30
40
50
60
70
80
90
100
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
VG S - Volts
TJ = 125ºC
25ºC
-40ºC
Fig. 8. Transconductance
0
5
10
15
20
25
30
35
40
45
50
55
60
0
1020
30405060
70
80
90
100
I D - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 9. Source Current vs.
Source-To-Drain Voltage
0
20
40
60
80
100
120
140
160
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VS D - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 12. Forward-Bias Safe
Operating Area
1
10
100
1000
10
100
1000
VD S - Volts
25µs
1m s
DC
RDS(on) Limit
TJ = 25ºC
T
J = 150ºC
Single Puls e
100m s
10m s
IXYS REF: T_52N30P(6S)3-14-06-C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com