Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2DEP1010 Datasheet(PDF) 2 Page - Sumida Corporation

Part # C2DEP1010
Description  Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

C2DEP1010 Datasheet(HTML) 2 Page - Sumida Corporation

  C2DEP1010 Datasheet HTML 1Page - Sumida Corporation C2DEP1010 Datasheet HTML 2Page - Sumida Corporation C2DEP1010 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■
■
■
■
Electrical Characteristics specification.
Power Inductor
Power Inductor
Power Inductor
Power Inductor
C2DEP1010
※1 Measuring frequency inductance at 100kHz .
※2、5、6 ( )Typical value.
※3 Saturation current: The DC current at which the inductance decreases to 75% of its nominal value.
※4 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
4.9(5.5)
4.3(5.1)
27.0 (22.0)
22
μH±20%
220
C2DEP1010NP-220MC-120
05
5.0(5.6)
4.8(5.8)
25.0 (21.0)
18
μH±20%
180
C2DEP1010NP-180MC-120
04
5.4(6.2)
5.4(6.1)
20.0 (16.0)
15
μH±20%
150
C2DEP1010NP-150MC-120
03
5.7(6.5)
6.0(7.0)
18.0 (15.0)
12
μH±20%
120
C2DEP1010NP-120MC-120
02
6.6(7.6)
6.2(7.3)
14.0 (11.0)
10
μH±20%
100
C2DEP1010NP-100MC-120
01
Temperature rise
current
(A)※4
※6
Saturation
current
(A)
(at 20
℃) ※3
※5
D.C.R.
(m
Ω)
[MAX.]
(at 20
℃)
(1-2);(4-3)
※2
Inductance
(
μH)
(1-2);(4-3)
※1
Stamp
Part Name
No.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com