Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH25D09HF-R47NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDH25D09HF-R47NC
Description  Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH25D09HF-R47NC Datasheet(HTML) 1 Page - Sumida Corporation

  CDH25D09HF-R47NC Datasheet HTML 1Page - Sumida Corporation CDH25D09HF-R47NC Datasheet HTML 2Page - Sumida Corporation CDH25D09HF-R47NC Datasheet HTML 3Page - Sumida Corporation CDH25D09HF-R47NC Datasheet HTML 4Page - Sumida Corporation CDH25D09HF-R47NC Datasheet HTML 5Page - Sumida Corporation CDH25D09HF-R47NC Datasheet HTML 6Page - Sumida Corporation CDH25D09HF-R47NC Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
■
Features
◎
Magnetically unshielded construction.
◎
Land pattern is compatible to Chip 2520 size.
◎
Storage temperature range:-40
℃
~+105
℃
.
◎
Operating temperature range:-40
℃
~+105
℃
(including coil’s self-heat).
◎
RoHS Compliance and Halogen free.
■
Applications
Ideally used in Mobile phone,PDA,MP3,DSC/DVC,HDD,etc as
converter inductor.
■
■
■
■
Shapes and Dimensions/Recommended Land Patterns(mm)
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH25D09,CDH25D11
◆
◆
◆
◆ Dimensions (mm)
◆
◆
◆
◆ Land pattern
*H CDH25D09: 1.0mm Max;
CDH25D11: 1.2mm Max.
*H
1.1
2.5±0.10
0.85
0.85
0.8


Similar Part No. - CDH25D09HF-R47NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH25D09HF-R47NC SUMIDA-CDH25D09HF-R47NC Datasheet
138Kb / 3P
Magnetically unshielded construction RoHS Compliance
CDH25D09HF-R47NC SUMIDA-CDH25D09HF-R47NC Datasheet
138Kb / 3P
SMD Power Inductor
More results

Similar Description - CDH25D09HF-R47NC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com